Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE713 Datasheet (PDF) - NEC

NE713 Datasheet PDF - NEC
Part # NE713
Download  NE713 Download
File Size   92.33 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description L to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET

NE713 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE713 Datasheet PDF - NEC

Part # NE713
Download  NE713 Click to download

File Size   92.33 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description L to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET

NE713 Datasheet (HTML) - NEC


NE713 Product details

FEATURES

Low noise figure

  NF = 0.6 dB TYP. at f = 4 GHz

High associated gain

  Ga = 14 dB TYP. at f = 4 GHz

Gate width: Wg = 280µm

Gate Length: Lg = 0.3µm




Similar Part No. - NE713

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE713 RENESAS-NE713 Datasheet
243Kb / 18P
GaAs MES FET
1996
logo
NEC
NE71300 NEC-NE71300 Datasheet
91Kb / 8P
LOW NOISE L TO K-BAND GaAs MESFET
logo
California Eastern Labs
NE71300 CEL-NE71300 Datasheet
95Kb / 8P
LOW NOISE L TO K-BAND GaAs MESFET
logo
Renesas Technology Corp
NE71300-L RENESAS-NE71300-L Datasheet
243Kb / 18P
GaAs MES FET
1996
NE71300-M RENESAS-NE71300-M Datasheet
243Kb / 18P
GaAs MES FET
1996
More results


Similar Description - NE713

ManufacturerPart #DatasheetDescription
logo
NEC
NE76118 NEC-NE76118 Datasheet
51Kb / 8P
L to S BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE76084 NEC-NE76084 Datasheet
62Kb / 12P
C to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
NE76000 NEC-NE76000 Datasheet
52Kb / 6P
LOW NOISE L TO Ku BAND GaAs MESFET
NE71383B NEC-NE71383B Datasheet
86Kb / 8P
L to Ku Band Low Noise N-Channel GaAs MESFET
logo
California Eastern Labs
NE67400 CEL-NE67400 Datasheet
110Kb / 7P
NECs L TO Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAS MESFET
logo
NEC
NE76038 NEC-NE76038 Datasheet
40Kb / 6P
LOW NOISE L TO Ku-BAND GaAs MESFET
NE76084S NEC-NE76084S Datasheet
42Kb / 4P
LOW NOISE L TO Ku BAND GaAs MESFET
logo
California Eastern Labs
NE71383 CEL-NE71383 Datasheet
90Kb / 8P
L to Ku Band Low Noise N-Channel GaAs MESFET
NE67400B CEL-NE67400B Datasheet
116Kb / 7P
NECs L TO Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAS MESFET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com