Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE38018 Datasheet (PDF) - California Eastern Labs

NE38018 Datasheet PDF - California Eastern Labs
Part # NE38018
Download  NE38018 Download
File Size   68.4 Kbytes
Page   9 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)

NE38018 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE38018 Datasheet PDF - California Eastern Labs

Part # NE38018
Download  NE38018 Click to download

File Size   68.4 Kbytes
Page   9 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)

NE38018 Datasheet (HTML) - California Eastern Labs


NE38018 Product details

DESCRIPTION
The NE38018 is a low cost gallium arsenide Hetero-Junction FET housed in a miniature (SOT-343) plastic surface mount package. The device is fabricated using ion implantation for improved RF and DC performance, reliability, and uniformity. Its low noise figure, high gain, small size and weight make it an ideal low noise medium power amplifier transistor in the 1- 3 GHz frequency range. The NE38018 is suitable for GPS, PCS, WLAN, MMDS, and other commercial applications.
NECs stringent quality assurance and test procedures ensure the highest reliability and performance.

FEATURES
• LOW COST MINIATURE PLASTIC PACKAGE (SOT-343)
• LOW NOISE FIGURE: 0.55 dB typical at 2 GHz
• HIGH ASSOCIATED GAIN: 14.5 dB typical at 2 GHz
• LG = 0.6 µm, WG = 800 µm
• TAPE & REEL PACKAGING




Similar Part No. - NE38018

ManufacturerPart #DatasheetDescription
logo
NEC
NE38018 NEC-NE38018 Datasheet
94Kb / 16P
L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
NE38018 NEC-NE38018 Datasheet
67Kb / 9P
GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
Renesas Technology Corp
NE38018 RENESAS-NE38018 Datasheet
236Kb / 13P
Hetero Junction Field Effect transistor
2003
logo
NEC
NE38018-T1 NEC-NE38018-T1 Datasheet
94Kb / 16P
L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE38018-T1 RENESAS-NE38018-T1 Datasheet
236Kb / 13P
Hetero Junction Field Effect transistor
2003
More results


Similar Description - NE38018

ManufacturerPart #DatasheetDescription
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE34018 CEL-NE34018 Datasheet
200Kb / 10P
GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
NEC
NE38018 NEC-NE38018_00 Datasheet
67Kb / 9P
GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
Renesas Technology Corp
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com