Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3104A Datasheet (PDF) - Belden Inc.

3104A Datasheet PDF - Belden Inc.
Part # 3104A
Download  3104A Download
File Size   160.16 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 3 C #12 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR

3104A Datasheet (PDF)

Go To PDF Page Download Datasheet
3104A Datasheet PDF - Belden Inc.

Part # 3104A
Download  3104A Click to download

File Size   160.16 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 3 C #12 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR

3104A Datasheet (HTML) - Belden Inc.


3104A Product details

Product Description
UL Type TC (1277) PVC-Nylon/PVC, 3 Conductor 12AWG (7x20) Bare Copper, PVC-NYL Insulation E1 Color Code, Overall Beldfoil® Shield, Black PVC
Outer Jacket, 600V TC-ER 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR




Similar Part No. - 3104A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3104 ETC2-3104 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
3M Electronics
3104 3M-3104 Datasheet
29Kb / 3P
3M™ Mining Cable Splice Kits,
Aug-2009
logo
Heyco.
3104 HEYCO-3104 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Adafruit Industries
3104 ADAFRUIT-3104 Datasheet
146Kb / 2P
Mini Illuminated Momentary Pushbutton Red Power Symbol
2-6-24
logo
List of Unclassifed Man...
31040 ETC-31040 Datasheet
54Kb / 2P
Sealed Polyester Swabs
More results


Similar Description - 3104A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
27090A BELDEN-27090A Datasheet
159Kb / 2P
TC VN/PVC, 12 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR
11-09-2022
28119AS BELDEN-28119AS Datasheet
186Kb / 2P
TC VN/PVC, 12 C #12 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28341AS BELDEN-28341AS Datasheet
185Kb / 2P
TC VN/PVC, 12 C #16 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
A03121W BELDEN-A03121W Datasheet
140Kb / 2P
TC VN/PVC, 3 C #12 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
09-05-2023
28137A BELDEN-28137A Datasheet
157Kb / 2P
TC VN/PVC, 30 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
05-05-2023
48339A BELDEN-48339A Datasheet
138Kb / 2P
TC VN/PVC, 5 C #16 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
48082A BELDEN-48082A Datasheet
138Kb / 2P
TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28334AS BELDEN-28334AS Datasheet
164Kb / 2P
TC VN/PVC, 3 C #18 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
47325AS BELDEN-47325AS Datasheet
140Kb / 2P
TC VN/PVC, 2 C #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR
12-22-2023
48112A BELDEN-48112A Datasheet
140Kb / 2P
TC VN/PVC, 5 C #12 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com