Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM2306-AJ Datasheet (PDF) - Mimix Broadband

CMM2306-AJ Datasheet PDF - Mimix Broadband
Part # CMM2306-AJ
Download  CMM2306-AJ Download
File Size   827.93 Kbytes
Page   4 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 800-2700 MHz Broadband Driver Amplifier

CMM2306-AJ Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM2306-AJ Datasheet PDF - Mimix Broadband

Part # CMM2306-AJ
Download  CMM2306-AJ Click to download

File Size   827.93 Kbytes
Page   4 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 800-2700 MHz Broadband Driver Amplifier

CMM2306-AJ Datasheet (HTML) - Mimix Broadband


CMM2306-AJ Product details

Description
The Celeritek CMM2306 is a premium performance, pin-for-pin compatible second source for the TriQuint® 9132 and the Mini-Circuits® VNA. Providing higher gain and lower noise figure than either of the existing standard amplifiers at 25% less drain current, the CMM2306 is an excellent choice for power sensitive applications, while delivering more design margin than either of the existing alternatives.

Features
    +17.5 dBm Output Power
    Low Current: 70 mA, Typ.
    800 – 2700 MHz Operation
    Single +3V to +6V Supply
    Input and Output Matched to 50Ω, DC Blocked
    Low-Cost SOIC-8 Plastic Package

Applications
    Power Amplifier Drivers
    Diode-Ring Mixer Buffers
    PCS Medium Power Amplifiers
    Medium Power WLANs
    Base Station Receivers




Similar Part No. - CMM2306-AJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM2306-AJ ETC-CMM2306-AJ Datasheet
88Kb / 4P
Broadband Driver Amplifier
logo
Mimix Broadband
CMM2306-AJ MIMIX-CMM2306-AJ Datasheet
166Kb / 5P
800-2700 MHz Broadband Driver Amplifier
logo
List of Unclassifed Man...
CMM2306-AJ-000T ETC-CMM2306-AJ-000T Datasheet
88Kb / 4P
Broadband Driver Amplifier
logo
Mimix Broadband
CMM2306-AJ-0G00 MIMIX-CMM2306-AJ-0G00 Datasheet
166Kb / 5P
800-2700 MHz Broadband Driver Amplifier
CMM2306-AJ-0G0T MIMIX-CMM2306-AJ-0G0T Datasheet
166Kb / 5P
800-2700 MHz Broadband Driver Amplifier
More results


Similar Description - CMM2306-AJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM2305 ETC-CMM2305 Datasheet
207Kb / 2P
800 TO 2700 MHZ BROAD BAND DRIVER AMPLIFIER
logo
Mimix Broadband
CMM2308 MIMIX-CMM2308 Datasheet
471Kb / 5P
800 to 2700 MHz High Dynamic Range Amplifier
CMM2308 MIMIX-CMM2308_06 Datasheet
159Kb / 4P
800-2700 MHz High Dynamic Range Amplifier
logo
Tyco Electronics
MAAMSS0014 MACOM-MAAMSS0014 Datasheet
240Kb / 5P
Broadband Driver Amplifier 500 - 2400 MHz
logo
Analog Devices
ADL5320 AD-ADL5320 Datasheet
328Kb / 10P
400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
logo
Skyworks Solutions Inc.
SKY65004 SKYWORKS-SKY65004 Datasheet
364Kb / 14P
250 -2700 MHz Linear Power Amplifier Driver
logo
Mimix Broadband
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
162Kb / 5P
800-2700 MHz High Dynamic Range Amplifier
CMM2306-AJ MIMIX-CMM2306-AJ Datasheet
166Kb / 5P
800-2700 MHz Broadband Driver Amplifier
logo
Analog Devices
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
logo
Skyworks Solutions Inc.
SKY65099-360LF SKYWORKS-SKY65099-360LF Datasheet
558Kb / 13P
700 to 2700 MHz Broadband Linear Amplifier Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com