Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM2308-AJ Datasheet (PDF) - Mimix Broadband

CMM2308-AJ Datasheet PDF - Mimix Broadband
Part # CMM2308-AJ
Download  CMM2308-AJ Download
File Size   162.0 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 800-2700 MHz High Dynamic Range Amplifier

CMM2308-AJ Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM2308-AJ Datasheet PDF - Mimix Broadband

Part # CMM2308-AJ
Download  CMM2308-AJ Click to download

File Size   162.0 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 800-2700 MHz High Dynamic Range Amplifier

CMM2308-AJ Datasheet (HTML) - Mimix Broadband


CMM2308-AJ Product details

Description
The Celeritek CMM2308 is a high dynamic range, pin-compatible, second source for the TriQuint® 9132 and the Mini-Circuits® VNA. Providing comparable gain and lower noise figure than either of the existing standard amplifiers at 25% less drain current, the CMM2308 is an excellent choice for power sensitive applications, while delivering more design margin. Packaged in a low-cost surface mount SOIC-8 package, the CMM2308 will drop into existing designs and offers improved features and performance.

Features
    +17 dBm Output Power
    <2.2 dB Noise Figure
    Low Current: 70 mA, Typ.
    Single +3V to +6V Supply
    DC Blocked >2:1 VSWR
    Low-Cost SOIC-8 Plastic Package

Applications
    Power Amplifier Drivers
    PCS Medium Power Amplifiers
    Medium Power WLANs
    Base Station Receivers




Similar Part No. - CMM2308-AJ

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
471Kb / 5P
800 to 2700 MHz High Dynamic Range Amplifier
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
159Kb / 4P
800-2700 MHz High Dynamic Range Amplifier
CMM2308-AJ-000T MIMIX-CMM2308-AJ-000T Datasheet
471Kb / 5P
800 to 2700 MHz High Dynamic Range Amplifier
CMM2308-AJ-000T MIMIX-CMM2308-AJ-000T Datasheet
159Kb / 4P
800-2700 MHz High Dynamic Range Amplifier
More results


Similar Description - CMM2308-AJ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
318Kb / 4P
High Dynamic Range Low Noise Amplifier 800-1000 MHz
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1220 MACOM-PA1220 Datasheet
49Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
logo
Mimix Broadband
CMM2308 MIMIX-CMM2308 Datasheet
471Kb / 5P
800 to 2700 MHz High Dynamic Range Amplifier
logo
Tyco Electronics
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Mimix Broadband
CMM2306 MIMIX-CMM2306 Datasheet
827Kb / 4P
800-2700 MHz Broadband Driver Amplifier
CMM2308 MIMIX-CMM2308_06 Datasheet
159Kb / 4P
800-2700 MHz High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com