Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM50-0003 Datasheet (PDF) - Tyco Electronics

AM50-0003 Datasheet PDF - Tyco Electronics
Part # AM50-0003
Download  AM50-0003 Download
File Size   318.83 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Dynamic Range Low Noise Amplifier 800-1000 MHz

AM50-0003 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM50-0003 Datasheet PDF - Tyco Electronics

Part # AM50-0003
Download  AM50-0003 Click to download

File Size   318.83 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Dynamic Range Low Noise Amplifier 800-1000 MHz

AM50-0003 Datasheet (HTML) - Tyco Electronics


AM50-0003 Product details

Description
M/A-COM’s AM50-0003 is a high dynamic range, GaAs MMIC, low noise amplifier in a low cost, SOIC 8-Lead, surface mount, plastic package. It employs e x t e r n a l i n p u t m a t c h i n g t o o b t a in optimum noise figure performance and operating frequency flexibility. The AM50-0003 also features flexible biasing to control the current consumption vs. dynamic range trade-off. The AM50-0003 can operate from any supply voltage in the 3V to 8V range. Its current can be controlled over a range of 20 mA to 80 mA with an external resistor.

Features
• Low Noise Figure: 1.2 dB
• High Input: +18 dBm at 8 V, 60 mA bias +6.5 dBm at 3 V, 20 mA bias
• High Gain: 15 dB
• Single Supply: +3 to +8 VDC
• Low Cost SOIC-8 Plastic Package
• Adjustable current: 20 to 80 mA with external resistor




Similar Part No. - AM50-0003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0003 MACOM-AM50-0003 Datasheet
239Kb / 5P
High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM50-0003SMB MACOM-AM50-0003SMB Datasheet
239Kb / 5P
High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
AM50-0003SMB MA-COM-AM50-0003SMB Datasheet
211Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
Tyco Electronics
AM50-0003TR MACOM-AM50-0003TR Datasheet
239Kb / 5P
High Dynamic Range Low Noise Amplifier
More results


Similar Description - AM50-0003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
High Dynamic Range LNA 800 - 1000 MHz
PA1215 MACOM-PA1215 Datasheet
50Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1217 MACOM-PA1217 Datasheet
46Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1220 MACOM-PA1220 Datasheet
49Kb / 2P
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
High Dynamic Range LNA, 800-1000 MHz
logo
Mimix Broadband
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
162Kb / 5P
800-2700 MHz High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
AM50-0003 MA-COM-AM50-0003 Datasheet
211Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com