Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM6003-SC Datasheet (PDF) - Mimix Broadband

CMM6003-SC Datasheet PDF - Mimix Broadband
Part # CMM6003-SC
Download  CMM6003-SC Download
File Size   471.36 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 50-870 MHz High Dynamic Range Amplifier

CMM6003-SC Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM6003-SC Datasheet PDF - Mimix Broadband

Part # CMM6003-SC
Download  CMM6003-SC Click to download

File Size   471.36 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 50-870 MHz High Dynamic Range Amplifier

CMM6003-SC Datasheet (HTML) - Mimix Broadband


CMM6003-SC Product details

Description
The CMM6003-SC is a high dynamic range amplifier suitable for cable TV applications between 50 and 900 MHz. The combination of gain flatness, bandwidth, low noise figure and high third order intercept point make it ideal for cable modem, CATV distribution and laser diode driver applications.

Features
➤ 50 to 900 MHz Frequency Range
➤ +41 dBm Output IP3
➤ -71 dBc CTB
➤ -48 dBc CSO
➤ 1.6 dB Noise Figure (@ 450 MHz)
➤ 17 dB Gain
➤ 22 dBm P1dB
➤ RoHS Compliant SOT-89 SMT Package
➤ Single Power Supply
➤ +3V to +5V Voltage Rail
➤ MTBF > 100 Years
➤ Ideal for CATV Applications




Similar Part No. - CMM6003-SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM6003-SC ETC-CMM6003-SC Datasheet
703Kb / 5P
50MHz to 870 MHz High Dynamic Range Amplifier
logo
Mimix Broadband
CMM6003-SC MIMIX-CMM6003-SC Datasheet
520Kb / 5P
50-900 MHz High Dynamic Range Amplifier
CMM6003-SC-0G00 MIMIX-CMM6003-SC-0G00 Datasheet
520Kb / 5P
50-900 MHz High Dynamic Range Amplifier
CMM6003-SC-0G0T MIMIX-CMM6003-SC-0G0T Datasheet
520Kb / 5P
50-900 MHz High Dynamic Range Amplifier
CMM6003-SC MIMIX-CMM6003-SC_07 Datasheet
520Kb / 5P
50-900 MHz High Dynamic Range Amplifier
More results


Similar Description - CMM6003-SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM6003-SC ETC-CMM6003-SC Datasheet
703Kb / 5P
50MHz to 870 MHz High Dynamic Range Amplifier
logo
Mimix Broadband
CMM2308 MIMIX-CMM2308_06 Datasheet
159Kb / 4P
800-2700 MHz High Dynamic Range Amplifier
logo
Tyco Electronics
MAAMSS0001 MACOM-MAAMSS0001 Datasheet
279Kb / 5P
Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0070 MACOM-MAAMSS0070 Datasheet
424Kb / 12P
High Dynamic Range Amplifier 250 - 3800 MHz
logo
Mimix Broadband
CMM2308-AJ MIMIX-CMM2308-AJ Datasheet
162Kb / 5P
800-2700 MHz High Dynamic Range Amplifier
CMM6003-SC MIMIX-CMM6003-SC_07 Datasheet
520Kb / 5P
50-900 MHz High Dynamic Range Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0001 MA-COM-MAAMSS0001 Datasheet
106Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0040 MA-COM-MAAMSS0040 Datasheet
107Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0070 MA-COM-MAAMSS0070 Datasheet
356Kb / 12P
High Dynamic Range Amplifier 250 - 3800 MHz
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
High Dynamic Range IF Amplifier 50 - 1000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com