Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1376512 Datasheet (PDF) - PHOENIX CONTACT

1376512 Datasheet PDF - PHOENIX CONTACT
Part # 1376512
Download  1376512 Download
File Size   394.72 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D32H 2,2/ 5-PT-5,08-X - Feed-through plug

1376512 Datasheet (PDF)

Go To PDF Page Download Datasheet
1376512 Datasheet PDF - PHOENIX CONTACT

Part # 1376512
Download  1376512 Click to download

File Size   394.72 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D32H 2,2/ 5-PT-5,08-X - Feed-through plug

1376512 Datasheet (HTML) - PHOENIX CONTACT


1376512 Product details

PCB connector, color: black, nominal current: 8 A, rated voltage (III/2): 320 V, contact connection
type: Pin, number of rows: 1, number of positions: 5, product range: D32H 2,2/..-PT, pitch: 5.08
mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °, pin layout:
Linear pinning, locking clip: - without locking clip, plug-in system: CONNEXIS D, locking: Snap-in
locking, mounting: Engagement nose, type of packaging: packed in cardboard

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Small component size for applications where space is at a premium
• Intuitive locking mechanism prevents accidental disconnection
• Tools for automatic crimping available as an option




Similar Part No. - 1376512

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1376513 PHOENIX-1376513 Datasheet
394Kb / 11P
D32H 2,2/ 6-PT-5,08-X - Feed-through plug
1376515 PHOENIX-1376515 Datasheet
393Kb / 11P
D32H 2,2/ 8-PT-5,08-X - Feed-through plug
logo
TE Connectivity Ltd
1376515-1 TEC-1376515-1 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
logo
PHOENIX CONTACT
1376518 PHOENIX-1376518 Datasheet
392Kb / 11P
D32H 2,2/10-PT-5,08-X - Feed-through plug
More results


Similar Description - 1376512

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340378 PHOENIX-1340378 Datasheet
385Kb / 11P
D31H 2,2/ 5-PT-3,81-X - Feed-through plug
1376506 PHOENIX-1376506 Datasheet
397Kb / 11P
D32H 2,2/ 2-PT-5,08-X - Feed-through plug
1378293 PHOENIX-1378293 Datasheet
397Kb / 11P
D32H 2,2/ 2-PT-5,08-Y - Feed-through plug
1376513 PHOENIX-1376513 Datasheet
394Kb / 11P
D32H 2,2/ 6-PT-5,08-X - Feed-through plug
1376515 PHOENIX-1376515 Datasheet
393Kb / 11P
D32H 2,2/ 8-PT-5,08-X - Feed-through plug
1376509 PHOENIX-1376509 Datasheet
395Kb / 11P
D32H 2,2/ 4-PT-5,08-X - Feed-through plug
1378294 PHOENIX-1378294 Datasheet
396Kb / 11P
D32H 2,2/ 3-PT-5,08-Y - Feed-through plug
1376508 PHOENIX-1376508 Datasheet
396Kb / 11P
D32H 2,2/ 3-PT-5,08-X - Feed-through plug
1376518 PHOENIX-1376518 Datasheet
392Kb / 11P
D32H 2,2/10-PT-5,08-X - Feed-through plug
1378295 PHOENIX-1378295 Datasheet
395Kb / 11P
D32H 2,2/ 4-PT-5,08-Y - Feed-through plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com