Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1378295 Datasheet (PDF) - PHOENIX CONTACT

1378295 Datasheet PDF - PHOENIX CONTACT
Part # 1378295
Download  1378295 Download
File Size   395.71 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D32H 2,2/ 4-PT-5,08-Y - Feed-through plug

1378295 Datasheet (PDF)

Go To PDF Page Download Datasheet
1378295 Datasheet PDF - PHOENIX CONTACT

Part # 1378295
Download  1378295 Click to download

File Size   395.71 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D32H 2,2/ 4-PT-5,08-Y - Feed-through plug

1378295 Datasheet (HTML) - PHOENIX CONTACT


1378295 Product details

Feed-through connector, color: black, nominal current: 8 A, rated voltage (III/2): 320 V, contact
connection type: Pin, number of rows: 1, number of positions: 4, product range: D32H 2,2/..-PT,
pitch: 5.08 mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °,
locking clip: - without locking clip, plug-in system: CONNEXIS D, locking: Snap-in locking,
mounting: Engagement nose, type of packaging: packed in cardboard

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Small component size for applications where space is at a premium
• Intuitive locking mechanism prevents accidental disconnection
• Tools for automatic crimping available as an option




Similar Part No. - 1378295

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1378290 PHOENIX-1378290 Datasheet
319Kb / 8P
D32H 2,2/ 4-V-5,08-Y - PCB header
1378291 PHOENIX-1378291 Datasheet
318Kb / 8P
D32H 2,2/ 5-V-5,08-Y - PCB header
1378292 PHOENIX-1378292 Datasheet
318Kb / 8P
D32H 2,2/ 6-V-5,08-Y - PCB header
1378293 PHOENIX-1378293 Datasheet
397Kb / 11P
D32H 2,2/ 2-PT-5,08-Y - Feed-through plug
1378294 PHOENIX-1378294 Datasheet
396Kb / 11P
D32H 2,2/ 3-PT-5,08-Y - Feed-through plug
More results


Similar Description - 1378295

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1376506 PHOENIX-1376506 Datasheet
397Kb / 11P
D32H 2,2/ 2-PT-5,08-X - Feed-through plug
1378293 PHOENIX-1378293 Datasheet
397Kb / 11P
D32H 2,2/ 2-PT-5,08-Y - Feed-through plug
1341134 PHOENIX-1341134 Datasheet
386Kb / 11P
D31H 2,2/ 4-PT-3,81-Y - Feed-through plug
1376513 PHOENIX-1376513 Datasheet
394Kb / 11P
D32H 2,2/ 6-PT-5,08-X - Feed-through plug
1376515 PHOENIX-1376515 Datasheet
393Kb / 11P
D32H 2,2/ 8-PT-5,08-X - Feed-through plug
1376509 PHOENIX-1376509 Datasheet
395Kb / 11P
D32H 2,2/ 4-PT-5,08-X - Feed-through plug
1378294 PHOENIX-1378294 Datasheet
396Kb / 11P
D32H 2,2/ 3-PT-5,08-Y - Feed-through plug
1376508 PHOENIX-1376508 Datasheet
396Kb / 11P
D32H 2,2/ 3-PT-5,08-X - Feed-through plug
1376512 PHOENIX-1376512 Datasheet
394Kb / 11P
D32H 2,2/ 5-PT-5,08-X - Feed-through plug
1376518 PHOENIX-1376518 Datasheet
392Kb / 11P
D32H 2,2/10-PT-5,08-X - Feed-through plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com