Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7455 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRF7455 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRF7455
Download  IRF7455 Download
File Size   373.95 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Ultra-Low Gate Impedance

IRF7455 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7455 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRF7455
Download  IRF7455 Click to download

File Size   373.95 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Ultra-Low Gate Impedance

IRF7455 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRF7455 Product details

 High Frequency DC-DC Converters
with Synchronous Rectification
 Lead-Free
Applications


Features
VDS (V) = 30V
RDS(ON) 7.5m (VGS = 10V)
 RDS(ON) 9 m (VGS = 4.5V)




Similar Part No. - IRF7455

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
logo
EVER SEMICONDUCTOR CO.,...
IRF7455 EVVOSEMI-IRF7455 Datasheet
335Kb / 8P
MOSFET
Rev:2023A2
logo
International Rectifier
IRF7455PBF IRF-IRF7455PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF7455PBF IRF-IRF7455PBF Datasheet
1Mb / 8P
HIGH FREQUENCY DC-DC CONVERTERS WITH SYNCHRONOUS RECTIFICATION
IRF7455PBF-1 IRF-IRF7455PBF-1 Datasheet
674Kb / 8P
Industry-standard pinout SO-8 Package
More results


Similar Description - IRF7455

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7910TRPBF IRF-IRF7910TRPBF Datasheet
223Kb / 8P
Ultra-Low Gate Impedance
IRF7805ZPBF IRF-IRF7805ZPBF_15 Datasheet
275Kb / 10P
Ultra-Low Gate Impedance
IRF7831PBF IRF-IRF7831PBF_15 Datasheet
270Kb / 10P
Ultra-Low Gate Impedance
IRF7910PBF IRF-IRF7910PBF_15 Datasheet
223Kb / 8P
Ultra-Low Gate Impedance
IRF8915PBF IRF-IRF8915PBF_15 Datasheet
291Kb / 10P
Ultra-Low Gate Impedance
IRL3713PBF IRF-IRL3713PBF_15 Datasheet
284Kb / 12P
Ultra-Low Gate Impedance
IRLR3717PBF IRF-IRLR3717PBF_15 Datasheet
272Kb / 12P
Ultra-Low Gate Impedance
IRLR7807ZPBF IRF-IRLR7807ZPBF_15 Datasheet
273Kb / 12P
Ultra-Low Gate Impedance
IRLR8259PBF IRF-IRLR8259PBF_15 Datasheet
375Kb / 11P
Ultra-Low Gate Impedance
IRLR8726PBF IRF-IRLR8726PBF_15 Datasheet
360Kb / 11P
Ultra-Low Gate Impedance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com