Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7455 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF7455 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF7455
Download  IRF7455 Download
File Size   335.85 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

IRF7455 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7455 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7455
Download  IRF7455 Click to download

File Size   335.85 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description MOSFET

IRF7455 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF7455 Product details

Features
VDS (V) = 40V
RDS(ON)< 7.5mΩ (VGS = 10V)
RDS(ON)< 9mΩ (VGS = 4.5V)

Applications
High Frequency DC-DC Converters
with Synchronous Rectification
Lead-Free

Benefits
Ultra-Low Gate Impedance
Very Low RDS(on) at 4.5V V GS
Fully Characterized Avalanche Voltage and Current




Similar Part No. - IRF7455

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
logo
Guangdong Youtai Semico...
IRF7455 UMW-IRF7455 Datasheet
373Kb / 8P
Ultra-Low Gate Impedance
logo
International Rectifier
IRF7455PBF IRF-IRF7455PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF7455PBF IRF-IRF7455PBF Datasheet
1Mb / 8P
HIGH FREQUENCY DC-DC CONVERTERS WITH SYNCHRONOUS RECTIFICATION
IRF7455PBF-1 IRF-IRF7455PBF-1 Datasheet
674Kb / 8P
Industry-standard pinout SO-8 Package
More results


Similar Description - IRF7455

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com