Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMCP602A Datasheet (PDF) - STI Vibration Monitoring Inc.

CMCP602A Datasheet PDF - STI Vibration Monitoring Inc.
Part # CMCP602A
Download  CMCP602A Download
File Size   415.25 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description CMCP602A Series Armored Sensor Extension Cable, 2 Socket MIL 5015 Connector

CMCP602A Datasheet (PDF)

Go To PDF Page Download Datasheet
CMCP602A Datasheet PDF - STI Vibration Monitoring Inc.

Part # CMCP602A
Download  CMCP602A Click to download

File Size   415.25 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description CMCP602A Series Armored Sensor Extension Cable, 2 Socket MIL 5015 Connector

CMCP602A Datasheet (HTML) - STI Vibration Monitoring Inc.


CMCP602A Product details

Features
•2 Socket MS 5015, Locking Collar (IP68)•304 Stainless Steel Armored Cable•Yellow FEP Jacketed Cable•Flame Retardant Cabling•Cable Temperature of up to 400 °F (204 °C)•Ryton and Stainless Steel Connector•Rugged Design for Permanent Monitoring•Isolated or Non-Isolated Shielding Available•Braided Shield with Separate Drain Wire•UV, Oil and Harsh Chemical Resistant•CE Approved

Typical Applications
Permanent Monitoring Cord set for harsh Environments. Compatible with all 2 Pin MS 5015 Sensors.
FEP Jacketed Cables provide the best Protection against harsh Chemicals.
Refer to the CMCP Chemical Compatibility Chart for more Information.




Similar Part No. - CMCP602A

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP602H STI-CMCP602H Datasheet
473Kb / 2P
CMCP602H Series High Temperature 2 Socket MS Cable Assembly IP68 Locking Collar Connector – Yellow FEP Jacket
July 2023
CMCP602HST STI-CMCP602HST Datasheet
470Kb / 2P
High Temperature 2 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Yellow FEP Jacket
July 2023
CMCP602L STI-CMCP602L Datasheet
488Kb / 2P
General Purpose 2 Socket MS Cable Assembly IP68 Locking Collar Connector – Black TPE Jacket
CMCP602LST STI-CMCP602LST Datasheet
485Kb / 2P
General Purpose 2 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Black TPE Jacket
July 2023
More results


Similar Description - CMCP602A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
logo
STI Vibration Monitorin...
CMCP603A STI-CMCP603A Datasheet
384Kb / 2P
Armored Sensor Extension Cable, 3 Socket MIL 5015 Connector
9/9/2022
CMCP632H STI-CMCP632H Datasheet
623Kb / 2P
Compact Molded 2 Socket MS 5015 Extension Cable High Temperature FEP Jacketed Cable
06/12/2023
CMCP632L STI-CMCP632L Datasheet
740Kb / 2P
Compact Molded 2 Socket MS 5015 Extension Cable General Purpose Halogen Free TPE Jacketed Cable
06/12/2023
CMCP633H STI-CMCP633H Datasheet
653Kb / 2P
Compact Molded 3 Socket MS 5015 Extension Cable High Temperature FEP Jacketed Cable
06/12/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com