Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

500A Datasheet (PDF) - Mimix Broadband

500A Datasheet PDF - Mimix Broadband
Part # 500A
Download  500A Download
File Size   183.73 Kbytes
Page   1 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description Units operate over the full 10.7-11.7 GHz frequency range

500A Datasheet (PDF)

Go To PDF Page Download Datasheet
500A Datasheet PDF - Mimix Broadband

Part # 500A
Download  500A Click to download

File Size   183.73 Kbytes
Page   1 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description Units operate over the full 10.7-11.7 GHz frequency range

500A Datasheet (HTML) - Mimix Broadband




Similar Part No. - 500A

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
156Kb / 2P
SUB-MINIATURE SLIDE SWITCHES
logo
Mimix Broadband
500A MIMIX-500A Datasheet
171Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
logo
E-SWITCH
500A E-SWITCH-500A Datasheet
210Kb / 2P
SLIDE SWITCHES - SUB-MINIATURE
logo
TDK Electronics
500A-1.5KV-NEG TDK-500A-1.5KV-NEG Datasheet
210Kb / 2P
High Voltage Power Supplies
April 12, 2022
500A-1.5KV-POS TDK-500A-1.5KV-POS Datasheet
210Kb / 2P
High Voltage Power Supplies
April 12, 2022
More results


Similar Description - 500A

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
MW109E MIMIX-MW109E Datasheet
169Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
MDR-2X06 MIMIX-MDR-2X06 Datasheet
179Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
500A MIMIX-500A_1 Datasheet
171Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
MDR-4X05 MIMIX-MDR-4X05 Datasheet
179Kb / 1P
Units operate over the full 4.4-5.0 GHz frequency range
775 MIMIX-775 Datasheet
169Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
RD4 MIMIX-RD4 Datasheet
179Kb / 1P
Units operate over the full 3.7-4.2 GHz frequency range
logo
Excelics Semiconductor,...
EIC1011-12 EXCELICS-EIC1011-12 Datasheet
101Kb / 2P
10.7-11.7 GHz 12-Watt Internally Matched Power FET
logo
Mitsubishi Electric Sem...
MGFX36V0717 MITSUBISHI-MGFX36V0717_11 Datasheet
126Kb / 3P
10.7-11.7 GHz BAND / 4W
MGFX39V0717 MITSUBISHI-MGFX39V0717_11 Datasheet
132Kb / 3P
10.7-11.7 GHz BAND / 8W
logo
Marl International Limi...
533-105-63_1307 MARL-533-105-63_1307 Datasheet
255Kb / 4P
Product will operate over a wide voltage range
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com