Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

500A Datasheet (PDF) - Mimix Broadband

500A Datasheet PDF - Mimix Broadband
Part # 500A_1
Download  500A Download
File Size   171.61 Kbytes
Page   1 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description Units operate over the full 5.9-6.4 GHz frequency range

500A Datasheet (PDF)

Go To PDF Page Download Datasheet
500A Datasheet PDF - Mimix Broadband

Part # 500A_1
Download  500A Click to download

File Size   171.61 Kbytes
Page   1 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description Units operate over the full 5.9-6.4 GHz frequency range

500A Datasheet (HTML) - Mimix Broadband




Similar Part No. - 500A_1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
500A-1.5KV-NEG TDK-500A-1.5KV-NEG Datasheet
210Kb / 2P
High Voltage Power Supplies
April 12, 2022
500A-1.5KV-POS TDK-500A-1.5KV-POS Datasheet
210Kb / 2P
High Voltage Power Supplies
April 12, 2022
500A-10KV-NEG TDK-500A-10KV-NEG Datasheet
210Kb / 2P
High Voltage Power Supplies
April 12, 2022
500A-10KV-POS TDK-500A-10KV-POS Datasheet
210Kb / 2P
High Voltage Power Supplies
April 12, 2022
500A-15KV-NEG TDK-500A-15KV-NEG Datasheet
210Kb / 2P
High Voltage Power Supplies
April 12, 2022
More results


Similar Description - 500A_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040 Datasheet
40Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
logo
Mimix Broadband
MW109E MIMIX-MW109E Datasheet
169Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
500A MIMIX-500A Datasheet
183Kb / 1P
Units operate over the full 10.7-11.7 GHz frequency range
MDR-2X06 MIMIX-MDR-2X06 Datasheet
179Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
MDR-4X05 MIMIX-MDR-4X05 Datasheet
179Kb / 1P
Units operate over the full 4.4-5.0 GHz frequency range
775 MIMIX-775 Datasheet
169Kb / 1P
Units operate over the full 5.9-6.4 GHz frequency range
RD4 MIMIX-RD4 Datasheet
179Kb / 1P
Units operate over the full 3.7-4.2 GHz frequency range
logo
Mitsubishi Electric Sem...
MGFC45V5964A MITSUBISHI-MGFC45V5964A_04 Datasheet
226Kb / 3P
5.9 - 6.4 GHz BAND 32W INTERNALLY MATCHED GaAs FET
logo
Transcom, Inc.
TM059-064-09-39 TRANSCOM-TM059-064-09-39 Datasheet
27Kb / 1P
5.9 - 6.4 GHz 39 dBm Power Module
logo
Excelics Semiconductor,...
EIM5964-4 EXCELICS-EIM5964-4 Datasheet
104Kb / 3P
5.9 - 6.4 GHz Multi-Stage Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com