Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EIM5964-4 Datasheet (PDF) - Excelics Semiconductor, Inc.

EIM5964-4 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EIM5964-4
Download  EIM5964-4 Download
File Size   104.73 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 5.9 - 6.4 GHz Multi-Stage Power Amplifier

EIM5964-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
EIM5964-4 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EIM5964-4
Download  EIM5964-4 Click to download

File Size   104.73 Kbytes
Page   3 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 5.9 - 6.4 GHz Multi-Stage Power Amplifier

EIM5964-4 Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - EIM5964-4

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIM5972-4 EXCELICS-EIM5972-4 Datasheet
161Kb / 4P
5.9 -7.2 GHz Multi-Stage Power Amplifier
More results


Similar Description - EIM5964-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040 Datasheet
40Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
logo
Transcom, Inc.
TM059-064-09-39 TRANSCOM-TM059-064-09-39 Datasheet
27Kb / 1P
5.9 - 6.4 GHz 39 dBm Power Module
logo
Excelics Semiconductor,...
EIM5259-4 EXCELICS-EIM5259-4 Datasheet
141Kb / 3P
5.2-5.9 GHz Multi-Stage Power Amplifier
EIM5864-4 EXCELICS-EIM5864-4 Datasheet
184Kb / 3P
5.8 -6.4 GHz Multi-Stage Power Amplifier
EIM5972-4 EXCELICS-EIM5972-4 Datasheet
161Kb / 4P
5.9 -7.2 GHz Multi-Stage Power Amplifier
EIM6472-4 EXCELICS-EIM6472-4 Datasheet
163Kb / 4P
6.4-7.2 GHz Multi-Stage Power Amplifier
EIM6775-5 EXCELICS-EIM6775-5 Datasheet
108Kb / 3P
6.7 - 7.5 GHz Multi-Stage Power Amplifier
EIM7678-5 EXCELICS-EIM7678-5 Datasheet
105Kb / 4P
7.6- 7.8 GHz Multi-Stage Power Amplifier
EIM8596-4 EXCELICS-EIM8596-4 Datasheet
121Kb / 4P
8.5-9.6 GHz Multi-Stage Power Amplifier
logo
M/A-COM Technology Solu...
AM42-0040 MA-COM-AM42-0040 Datasheet
109Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2.0 W 5.9 - 6.4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com