Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM42-0040 Datasheet (PDF) - Tyco Electronics

AM42-0040 Datasheet PDF - Tyco Electronics
Part # AM42-0040
Download  AM42-0040 Download
File Size   40.56 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz

AM42-0040 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM42-0040 Datasheet PDF - Tyco Electronics

Part # AM42-0040
Download  AM42-0040 Click to download

File Size   40.56 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz

AM42-0040 Datasheet (HTML) - Tyco Electronics




Similar Part No. - AM42-0040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040 Datasheet
119Kb / 4P
GaAs MMIC VSAT Power Amplifier 2.0W 5.9 - 6.4GHz
logo
M/A-COM Technology Solu...
AM42-0040 MA-COM-AM42-0040 Datasheet
109Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2.0 W 5.9 - 6.4 GHz
AM42-0040 MA-COM-AM42-0040 Datasheet
154Kb / 4P
GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0040 MA-COM-AM42-0040 Datasheet
154Kb / 4P
GaAs MMIC VSAT Power Amplifier 2.0 W
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040_1 Datasheet
119Kb / 4P
GaAs MMIC VSAT Power Amplifier 2.0W 5.9 - 6.4GHz
More results


Similar Description - AM42-0040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0007 MACOM-AM42-0007 Datasheet
39Kb / 3P
GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz
AM42-0039 MACOM-AM42-0039 Datasheet
40Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2W 6.40 - 7.025 GHz
logo
List of Unclassifed Man...
TAG-1035 ETC1-TAG-1035 Datasheet
492Kb / 2P
5.8 to 6.4 GHz GaAs MMIC VSAT (C-BAND) Power Amplifier
TAG-3210 ETC1-TAG-3210 Datasheet
158Kb / 2P
5.8 - 6.4 GHz GaAs MMIC Power Amplifier
logo
Tyco Electronics
AM42-0002 MACOM-AM42-0002 Datasheet
134Kb / 4P
GaAs MMIC VSAT Power Amplifier 1.4W
AM42-0007-DIE MACOM-AM42-0007-DIE Datasheet
507Kb / 2P
GaAs MMIC VSAT Power Amplifier 2W 14.0 - 14.5GHz
AM42-0040 MACOM-AM42-0040_1 Datasheet
119Kb / 4P
GaAs MMIC VSAT Power Amplifier 2.0W 5.9 - 6.4GHz
logo
Mimix Broadband
XP1035-BD MIMIX-XP1035-BD Datasheet
1Mb / 1P
5.9-9.5 GHz GaAs MMIC Linear Power Amplifier
logo
M/A-COM Technology Solu...
AM42-0040 MA-COM-AM42-0040 Datasheet
109Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2.0 W 5.9 - 6.4 GHz
MAAM26100-B1 MA-COM-MAAM26100-B1 Datasheet
116Kb / 2P
GaAs MMIC Power Amplifier 3.0 - 6.4 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com