Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM42-0002 Datasheet (PDF) - Tyco Electronics

AM42-0002 Datasheet PDF - Tyco Electronics
Part # AM42-0002
Download  AM42-0002 Download
File Size   134.38 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs MMIC VSAT Power Amplifier 1.4W

AM42-0002 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM42-0002 Datasheet PDF - Tyco Electronics

Part # AM42-0002
Download  AM42-0002 Click to download

File Size   134.38 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs MMIC VSAT Power Amplifier 1.4W

AM42-0002 Datasheet (HTML) - Tyco Electronics




Similar Part No. - AM42-0002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM42-0002 MA-COM-AM42-0002 Datasheet
167Kb / 4P
GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002_V6 MA-COM-AM42-0002_V6 Datasheet
157Kb / 4P
GaAs MMIC VSAT Power Amplifier, 1.4 W
More results


Similar Description - AM42-0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0007 MACOM-AM42-0007_1 Datasheet
197Kb / 4P
GaAs MMIC VSAT Power Amplifier 1.4W 14.0 - 14.5GHz
logo
M/A-COM Technology Solu...
AM42-0002_V6 MA-COM-AM42-0002_V6 Datasheet
157Kb / 4P
GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0007_V8 MA-COM-AM42-0007_V8 Datasheet
217Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040_V5 MA-COM-AM42-0040_V5 Datasheet
154Kb / 4P
GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0007 MA-COM-AM42-0007 Datasheet
217Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040 Datasheet
154Kb / 4P
GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0007 MA-COM-AM42-0007_15 Datasheet
742Kb / 5P
GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040_15 Datasheet
613Kb / 5P
GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
GaAs MMIC VSAT Power Amplifier, 1.4 W
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com