Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM42-0002 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM42-0002
Description  GaAs MMIC VSAT Power Amplifier 1.4W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM42-0002 Datasheet(HTML) 2 Page - Tyco Electronics

  AM42-0002 Datasheet HTML 1Page - Tyco Electronics AM42-0002 Datasheet HTML 2Page - Tyco Electronics AM42-0002 Datasheet HTML 3Page - Tyco Electronics AM42-0002 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs MMIC VSAT Power Amplifier 1.4 W
14.0 - 14.5 GHz
AM42-0002
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
2
RoHS
Compliant
Application Schematic
4,5,8,9
Absolute Maximum Ratings
1,2,3
Parameter
Absolute Maximum
VDD
12 Volts
VGG
-10 Volts
RF Input Power
+23 dBm
Channel Temperature
150°C
Storage Temperature
-65°C to +150°C
1.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
2.
M/A-COM does not recommend sustained operation near
these survivability limits.
3.
Case Temperature (TC) = +25°C.
Electrical Specifications: TA = 25°C, VDD = +9 V, VGG = -5.0 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Linear Gain
PIN < 0 dBm
dB
19
22
—
Input VSWR
PIN < 0 dBm
Ratio
—
2.5:1
2.7:1
Output VSWR
PIN < 0 dBm
Ratio
—
2.7:1
—
Saturated Output Power
PIN = +14 dBm
dBm
30.5
31.5
—
Output Power at P1dB
—
dBm
—
29.5
—
Output IP3
Two +24 dBm output tones @ 1 MHz spacing
dBm
—
39
—
Power Added Efficiency
PIN = +14 dBm
%
—
22
—
Bias Current
PIN = +14 dBm
mA
—
800
1400
Thermal Resistance
25°C Heat Sink
°C/W
—
10
—
Detector Output Voltage
RL = 10 K Ω, POUT = +31 dBm
V
—
+3.5
—
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
4.
Nominal bias is obtained by first connecting –5 volts to pin
4 (VGG), followed by connection +9 volts to pin 6 (VDD).
Note sequence.
5.
RF ground and thermal interface is the flange (case bot-
tom). Adequate heat sinking is required.
6.
No DC bias voltage appears at the RF ports.
7.
The DC resistance at the input port is an open circuit and
at the output port is a short circuit.
8.
For optimum IP3 performance, the VDD bypass capacitors
should be placed within 0.5 inches of pin 6.
9.
Resistor and capacitors surrounding the amplifier are
suggestions and not included as part of the AM42-0002.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com