Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6R30AXB Datasheet (PDF) - Marathon Special Products

6R30AXB Datasheet PDF - Marathon Special Products
Part # 6R30AXB
Download  6R30AXB Download
File Size   178.67 Kbytes
Page   3 Pages
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products
Description Insulator base temperature rating: -40°C/F to 150°C (302°F) UL RTI

6R30AXB Datasheet (PDF)

Go To PDF Page Download Datasheet
6R30AXB Datasheet PDF - Marathon Special Products

Part # 6R30AXB
Download  6R30AXB Click to download

File Size   178.67 Kbytes
Page   3 Pages
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products
Description Insulator base temperature rating: -40°C/F to 150°C (302°F) UL RTI

6R30AXB Datasheet (HTML) - Marathon Special Products




Similar Part No. - 6R30AXB

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
6R30AXSP MARATHON-6R30AXSP Datasheet
145Kb / 3P
Flammability rating of insulator base: UL 94 V-0
REV-D 05/14/2019
More results


Similar Description - 6R30AXB

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD799-3 VITESSE-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
logo
HARTING Technology Grou...
09-36-506-2702 HARTING-09-36-506-2702 Datasheet
462Kb / 2P
Han 6Ex UL-F-c Inserts
09-36-510-2702 HARTING-09-36-510-2702 Datasheet
460Kb / 2P
Han 10Ex UL-F-c Inserts
09-36-516-2702 HARTING-09-36-516-2702 Datasheet
467Kb / 2P
Han 16Ex-UL-F-C Inserts
logo
Marathon Special Produc...
6T400AXB MARATHON-6T400AXB Datasheet
340Kb / 3P
Insulator base temperature rating: -40°C to 125°C (UL RTI)
09/07/2022
6T600AXB MARATHON-6T600AXB Datasheet
418Kb / 3P
Insulator base temperature rating: -40°C to 125°C (UL RTI)
09/07/2022
HVPB112 MARATHON-HVPB112 Datasheet
140Kb / 3P
Temperature rating: -40°C to 110°C (UL RTI)
REV-D 04/20/20
HVPB114 MARATHON-HVPB114 Datasheet
152Kb / 3P
Temperature rating: -40°C to 110°C (UL RTI)
REV-D 04/20/20
M6J200AX101 MARATHON-M6J200AX101 Datasheet
171Kb / 3P
Insulator base maximum temperture rating: 125°C (UL RTI)
6/3/2021
MFH6 MARATHON-MFH6 Datasheet
176Kb / 3P
Insulator base temperature rating: -40°C to 125°C (UL RTI)
REV-C 05/22/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com