Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6R30AXSP Datasheet (PDF) - Marathon Special Products

6R30AXSP Datasheet PDF - Marathon Special Products
Part # 6R30AXSP
Download  6R30AXSP Download
File Size   145.91 Kbytes
Page   3 Pages
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products
Description Flammability rating of insulator base: UL 94 V-0

6R30AXSP Datasheet (PDF)

Go To PDF Page Download Datasheet
6R30AXSP Datasheet PDF - Marathon Special Products

Part # 6R30AXSP
Download  6R30AXSP Click to download

File Size   145.91 Kbytes
Page   3 Pages
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products
Description Flammability rating of insulator base: UL 94 V-0

6R30AXSP Datasheet (HTML) - Marathon Special Products




Similar Part No. - 6R30AXSP

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
6R30AXB MARATHON-6R30AXB Datasheet
178Kb / 3P
Insulator base temperature rating: -40°C/F to 150°C (302°F) UL RTI
REV-D 05/14/2019
More results


Similar Description - 6R30AXSP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UF4007-TP MCC-UF4007-TP Datasheet
259Kb / 3P
Epoxy meets UL 94 V-0 flammability rating
logo
List of Unclassifed Man...
RB521S-30-TP ETC2-RB521S-30-TP Datasheet
268Kb / 3P
Epoxy meets UL 94 V-0 flammability rating
logo
Exar Corporation
SP3243EUEYL EXAR-SP3243EUEYL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
ST16C2550CQ48F EXAR-ST16C2550CQ48F Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
XR16C850CMF EXAR-XR16C850CMF Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
CLC2000ISO8X EXAR-CLC2000ISO8X Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
logo
Micro Commercial Compon...
SK52AFL MCC-SK52AFL Datasheet
637Kb / 3P
Epoxy meets UL 94 V-0 flammability rating
logo
Marathon Special Produc...
135X706 MARATHON-135X706 Datasheet
273Kb / 4P
Flammability rating of insulator base: UL 94 V-0
REV-E 11/25/2019
6R60AXB MARATHON-6R60AXB Datasheet
240Kb / 3P
Flammability rating of insulator base: UL 94 V-0
REV-D 05/08/2019
R6T30AXS MARATHON-R6T30AXS Datasheet
481Kb / 3P
Flammability rating of insulator base: UL 94 V-0
REV-D 05/30/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com