Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BNC Datasheet (PDF) - CamdenBoss Ltd.

BNC Datasheet PDF - CamdenBoss Ltd.
Part # BNC
Download  BNC Download
File Size   249.44 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description DIN Rail mounting BNC coupler

BNC Datasheet (PDF)

Go To PDF Page Download Datasheet
BNC Datasheet PDF - CamdenBoss Ltd.

Part # BNC
Download  BNC Click to download

File Size   249.44 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description DIN Rail mounting BNC coupler

BNC Datasheet (HTML) - CamdenBoss Ltd.


BNC Product details

Product ove r v i ew
• BNC jack to jack interface
• Avaliable in 50Ω or 75Ω
• 35mm DIN Rail mounting
• Gold plated brass contact
• 50Ω used in controls &
instrumentation
• 75Ω used in audio visual and
broadcasting
• Optional wall mounting plates
available
• RoHS compliant




Similar Part No. - BNC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BNC ETC1-BNC Datasheet
155Kb / 4P
BNC50OHM
logo
DDK Ltd.
BNC DDK-BNC Datasheet
308Kb / 13P
BNC Type Connectors
logo
Japan Aviation Electron...
BNC JAE-BNC Datasheet
413Kb / 11P
FREQUENCY RANGE TO 3GHz竊?0廓Type竊
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
Cable Assemblies
Rev 22FEB22
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
BNC FEEDTHROUGH CONNECTORS
More results


Similar Description - BNC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP OMRON-PFP Datasheet
51Kb / 2P
DIN Rail Mounting Track
logo
List of Unclassifed Man...
DNR-4790 ETC2-DNR-4790 Datasheet
31Kb / 1P
35mm DIN MOUNTING RAIL
76000977 ETC2-76000977 Datasheet
120Kb / 1P
Mounting Bracket ??DIN Rail
logo
Pepperl+Fuchs Inc.
UPR-MR PF-UPR-MR Datasheet
259Kb / 1P
DIN mounting rail
2020-09-23
logo
TRACO Electronic AG
TEP-MK1 TRACOPOWER-TEP-MK1 Datasheet
766Kb / 1P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TEQ-MK1 TRACOPOWER-TEQ-MK1 Datasheet
679Kb / 1P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMDC-MK1 TRACOPOWER-TMDC-MK1 Datasheet
310Kb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMDC-MK2 TRACOPOWER-TMDC-MK2 Datasheet
384Kb / 2P
DIN-Rail Mounting Clip
Rev. November 30, 2022
TMPW-MK1 TRACOPOWER-TMPW-MK1 Datasheet
1Mb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMPW-MK3 TRACOPOWER-TMPW-MK3 Datasheet
1Mb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com