Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHTB4/1N Datasheet (PDF) - CamdenBoss Ltd.

CHTB4/1N Datasheet PDF - CamdenBoss Ltd.
Part # CHTB4/1N
Download  CHTB4/1N Download
File Size   155.64 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description High temperat u re re s i stant connection blocks

CHTB4/1N Datasheet (PDF)

Go To PDF Page Download Datasheet
CHTB4/1N Datasheet PDF - CamdenBoss Ltd.

Part # CHTB4/1N
Download  CHTB4/1N Click to download

File Size   155.64 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description High temperat u re re s i stant connection blocks

CHTB4/1N Datasheet (HTML) - CamdenBoss Ltd.


CHTB4/1N Product details

Product ove r v i ew
• Porcelain body rated to 1000°C
• Inserts rated to 350°C
• 1 to 4 poles available
• 3, 3.5, 4.4 and 6mm insert
diameter sizes




Similar Part No. - CHTB4/1N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHTB12-400 ETC1-CHTB12-400 Datasheet
207Kb / 2P
High Temperature 150째C Series TRIAC
CHTB12-400PT ETC1-CHTB12-400PT Datasheet
207Kb / 2P
High Temperature 150째C Series TRIAC
CHTB12-600 ETC1-CHTB12-600 Datasheet
207Kb / 2P
High Temperature 150째C Series TRIAC
CHTB12-600PT ETC1-CHTB12-600PT Datasheet
207Kb / 2P
High Temperature 150째C Series TRIAC
CHTB12-800 ETC1-CHTB12-800 Datasheet
207Kb / 2P
High Temperature 150째C Series TRIAC
More results


Similar Description - CHTB4/1N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD16521 ETC-GD16521 Datasheet
166Kb / 13P
2.5 GBIT/S RE TIMING LASER DRIVER
logo
Maxim Integrated Produc...
MAX4951 MAXIM-MAX4951 Datasheet
245Kb / 8P
SATA I/SATA II Bidirectional Re-Driver
Rev 0; 6/08
MAX4951 MAXIM-MAX4951_09 Datasheet
244Kb / 9P
SATA I/SATA II Bidirectional Re-Driver
Rev 1; 5/09
logo
Token Electronics Indus...
RE500.5W10RBC6P TOKEN-RE500.5W10RBC6P Datasheet
325Kb / 3P
RE High Precision Low TCR Resistors
logo
Tyco Electronics
2-1393217-0 MACOM-2-1393217-0 Datasheet
399Kb / 2P
Miniature PCB Relay RE
2-1393217-2 MACOM-2-1393217-2 Datasheet
399Kb / 2P
Miniature PCB Relay RE
2-1393217-4 MACOM-2-1393217-4 Datasheet
399Kb / 2P
Miniature PCB Relay RE
logo
STMicroelectronics
B-F446E-96B01A STMICROELECTRONICS-B-F446E-96B01A Datasheet
2Mb / 3P
USB re-enumeration capability
15-Jul-2016
logo
Neutrik AG
NC3MPP NEUTRIK-NC3MPP Datasheet
398Kb / 4P
XLR Re ceptacles
logo
SAMYANG ELECTRONICS CO....
ES3A SAMYANG-ES3A Datasheet
1Mb / 2P
SUPER FAST RE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com