Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTBP254V/8 Datasheet (PDF) - CamdenBoss Ltd.

CSTBP254V/8 Datasheet PDF - CamdenBoss Ltd.
Part # CSTBP254V/8
Download  CSTBP254V/8 Download
File Size   453.75 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 2.54mm screwless terminal blocks

CSTBP254V/8 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSTBP254V/8 Datasheet PDF - CamdenBoss Ltd.

Part # CSTBP254V/8
Download  CSTBP254V/8 Click to download

File Size   453.75 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 2.54mm screwless terminal blocks

CSTBP254V/8 Datasheet (HTML) - CamdenBoss Ltd.


CSTBP254V/8 Product details

Product ove r v i ew
• Interlocking modules
• Easily breakable to desired number of poles
• Guided pin alignment
• Choice of vertical or horizontal cable entry
• Moulded in green UL94-V0 PA66
• 0.08-1.3mm2 cable (28-16AWG)

KEY FEATURES
D u a l row p i n s | S p a ce s av i n g p i tc h s i ze | M o d u l a r d e s i g n




Similar Part No. - CSTBP254V/8

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP254V/8 CAMDENBOSS-CSTBP254V/8 Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
More results


Similar Description - CSTBP254V/8

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM2795 EATON-EM2795 Datasheet
927Kb / 1P
EuroMag Terminal Blocks Screwless; 5.08 Centers
logo
CamdenBoss Ltd.
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP381 CAMDENBOSS-CSTBP381 Datasheet
344Kb / 1P
3.81mm screwless terminal blocks
CSTBP45VDA CAMDENBOSS-CSTBP45VDA Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP45VDB CAMDENBOSS-CSTBP45VDB Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
5mm screwless terminal blocks
CSTBP508H CAMDENBOSS-CSTBP508H Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP508V CAMDENBOSS-CSTBP508V Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP762H CAMDENBOSS-CSTBP762H Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
CSTBP762V CAMDENBOSS-CSTBP762V Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com