Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTBP45VDB Datasheet (PDF) - CamdenBoss Ltd.

CSTBP45VDB Datasheet PDF - CamdenBoss Ltd.
Part # CSTBP45VDB
Download  CSTBP45VDB Download
File Size   491.8 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 3.5mm 45° screwless terminal blocks

CSTBP45VDB Datasheet (PDF)

Go To PDF Page Download Datasheet
CSTBP45VDB Datasheet PDF - CamdenBoss Ltd.

Part # CSTBP45VDB
Download  CSTBP45VDB Click to download

File Size   491.8 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 3.5mm 45° screwless terminal blocks

CSTBP45VDB Datasheet (HTML) - CamdenBoss Ltd.


CSTBP45VDB Product details

Product ove r v i ew
• Interlocking modules
• Easily breakable to desired number of poles
• 45° cable entry
• Kinked pins for soldering retention
• Guided pin alignment
• Offset pinout allows greater voltage clearance
• Choice of 2 pin positions
• Moulded in green UL94-V0 PA66
• 0.34-0.75mm2 cable (22-18AWG)

KEY FEATURES
D u a l row p i n s | Two t y p e s o f p i n l ayo u t | 4 5 d e g ree modular design




Similar Part No. - CSTBP45VDB

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP45VDB/10 CAMDENBOSS-CSTBP45VDB/10 Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP45VDB/11 CAMDENBOSS-CSTBP45VDB/11 Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP45VDB/12 CAMDENBOSS-CSTBP45VDB/12 Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP45VDB/2 CAMDENBOSS-CSTBP45VDB/2 Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP45VDB/3 CAMDENBOSS-CSTBP45VDB/3 Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
More results


Similar Description - CSTBP45VDB

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB41-2 DUBILIER-DBCTB41-2 Datasheet
98Kb / 1P
TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
DBCTB702 DUBILIER-DBCTB702 Datasheet
294Kb / 2P
TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
logo
CamdenBoss Ltd.
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254V CAMDENBOSS-CSTBP254V Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP381 CAMDENBOSS-CSTBP381 Datasheet
344Kb / 1P
3.81mm screwless terminal blocks
CSTBP45VDA CAMDENBOSS-CSTBP45VDA Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
5mm screwless terminal blocks
CSTBP762H CAMDENBOSS-CSTBP762H Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
CSTBP762V CAMDENBOSS-CSTBP762V Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
CSTBP92HD CAMDENBOSS-CSTBP92HD Datasheet
304Kb / 1P
3.5mm pitch pluggable screwless terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com