Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTBP92HD Datasheet (PDF) - CamdenBoss Ltd.

CSTBP92HD Datasheet PDF - CamdenBoss Ltd.
Part # CSTBP92HD
Download  CSTBP92HD Download
File Size   304.63 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 3.5mm pitch pluggable screwless terminal blocks

CSTBP92HD Datasheet (PDF)

Go To PDF Page Download Datasheet
CSTBP92HD Datasheet PDF - CamdenBoss Ltd.

Part # CSTBP92HD
Download  CSTBP92HD Click to download

File Size   304.63 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 3.5mm pitch pluggable screwless terminal blocks

CSTBP92HD Datasheet (HTML) - CamdenBoss Ltd.


CSTBP92HD Product details

Product ove r v i ew
• 2-12 pole solid block
• Screwless connection
• Moulded in green UL94-V0 flame
retardant PA66
• Cable acceptance- 0.08 to 1.31mm2 (28-16
AWG) solid and stranded cable
• Compatible with all 3.5mm pluggable
male headers
• Pluggable female connectors
• Polarised mouldings




Similar Part No. - CSTBP92HD

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP92HC CAMDENBOSS-CSTBP92HC Datasheet
734Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
CSTBP92HC/10 CAMDENBOSS-CSTBP92HC/10 Datasheet
734Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
CSTBP92HC/10 CAMDENBOSS-CSTBP92HC/10 Datasheet
592Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
CSTBP92HC/10 CAMDENBOSS-CSTBP92HC/10 Datasheet
618Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
CSTBP92HC/11 CAMDENBOSS-CSTBP92HC/11 Datasheet
734Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
More results


Similar Description - CSTBP92HD

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB41-2 DUBILIER-DBCTB41-2 Datasheet
98Kb / 1P
TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
DBCTB702 DUBILIER-DBCTB702 Datasheet
294Kb / 2P
TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
logo
CamdenBoss Ltd.
CSTBP45VDA CAMDENBOSS-CSTBP45VDA Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP45VDB CAMDENBOSS-CSTBP45VDB Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP9208 CAMDENBOSS-CSTBP9208 Datasheet
462Kb / 1P
5 .08mm pitch pluggable screwless terminal blocks
CSTBP92HC CAMDENBOSS-CSTBP92HC Datasheet
734Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
CTBP92VD CAMDENBOSS-CTBP92VD Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP93HC CAMDENBOSS-CTBP93HC Datasheet
592Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
CTBP93HD CAMDENBOSS-CTBP93HD Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP93VC CAMDENBOSS-CTBP93VC Datasheet
618Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com