Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTBP92HE Datasheet (PDF) - CamdenBoss Ltd.

CSTBP92HE Datasheet PDF - CamdenBoss Ltd.
Part # CSTBP92HE
Download  CSTBP92HE Download
File Size   701.92 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 3.81mm Pitch Pluggable Screwless Terminal Block

CSTBP92HE Datasheet (PDF)

Go To PDF Page Download Datasheet
CSTBP92HE Datasheet PDF - CamdenBoss Ltd.

Part # CSTBP92HE
Download  CSTBP92HE Click to download

File Size   701.92 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 3.81mm Pitch Pluggable Screwless Terminal Block

CSTBP92HE Datasheet (HTML) - CamdenBoss Ltd.


CSTBP92HE Product details

2-12 pole solid block
Screwless connectivity
Pluggable male-female connectors
Polarised mouldings
0.1 - 0.5mm2 (26-21AWG) solid and stranded cable
Moulded in green UL94-V0 flame retardant PA66




Similar Part No. - CSTBP92HE

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP92HC CAMDENBOSS-CSTBP92HC Datasheet
734Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
CSTBP92HC/10 CAMDENBOSS-CSTBP92HC/10 Datasheet
734Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
CSTBP92HC/10 CAMDENBOSS-CSTBP92HC/10 Datasheet
592Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
CSTBP92HC/10 CAMDENBOSS-CSTBP92HC/10 Datasheet
618Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
CSTBP92HC/11 CAMDENBOSS-CSTBP92HC/11 Datasheet
734Kb / 1P
2.5mm pitch pluggable screwless terminal blocks
More results


Similar Description - CSTBP92HE

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39930-0303 MOLEX11-39930-0303 Datasheet
48Kb / 2P
3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0317 MOLEX11-39930-0317 Datasheet
48Kb / 2P
3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0320 MOLEX11-39930-0320 Datasheet
48Kb / 2P
3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0413 MOLEX11-39930-0413 Datasheet
48Kb / 2P
3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0417 MOLEX11-39930-0417 Datasheet
48Kb / 2P
3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0514 MOLEX11-39930-0514 Datasheet
48Kb / 2P
3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0515 MOLEX11-39930-0515 Datasheet
48Kb / 2P
3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0519 MOLEX11-39930-0519 Datasheet
48Kb / 2P
3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
39930-0520 MOLEX11-39930-0520 Datasheet
48Kb / 2P
3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
logo
CamdenBoss Ltd.
CSTBP381 CAMDENBOSS-CSTBP381 Datasheet
344Kb / 1P
3.81mm screwless terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com