Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTB7000 Datasheet (PDF) - CamdenBoss Ltd.

CTB7000 Datasheet PDF - CamdenBoss Ltd.
Part # CTB7000
Download  CTB7000 Download
File Size   416.17 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5mm pitch 36 pole rising clamp terminal blocks

CTB7000 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTB7000 Datasheet PDF - CamdenBoss Ltd.

Part # CTB7000
Download  CTB7000 Click to download

File Size   416.17 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5mm pitch 36 pole rising clamp terminal blocks

CTB7000 Datasheet (HTML) - CamdenBoss Ltd.


CTB7000 Product details

Product ove r v i ew
• Unique 36 pole strips
• Professional rising clamp terminals
• Standard profile
• Moulded in grey UL94-V0 flame retardant PC
• Cable acceptance - 0.2-2mm2 (30-12AWG)
solid cable
• Cable acceptance - 0.2-2mm2 (30-12AWG)
stranded cable
• Easily cut to required number of poles or can
be supplied pre-cut
• Guided pin alignment
• Anti solder wicking




Similar Part No. - CTB7000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
CTB75X75BKA-C 3M-CTB75X75BKA-C Datasheet
113Kb / 5P
3M™ Cable Ties
Rev N
CTB75X75BKA-C 3M-CTB75X75BKA-C Datasheet
48Kb / 4P
Cable Ties
April 2012
CTB75X75NTA-C 3M-CTB75X75NTA-C Datasheet
113Kb / 5P
3M™ Cable Ties
Rev N
CTB75X75NTA-C 3M-CTB75X75NTA-C Datasheet
48Kb / 4P
Cable Ties
April 2012
More results


Similar Description - CTB7000

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB6-2 DUBILIER-DBCTB6-2 Datasheet
129Kb / 1P
TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
DBCTB33-2 DUBILIER-DBCTB33-2 Datasheet
109Kb / 1P
TERMINAL BLOCKS 7.5MM PITCH 18 POLE RISING CLAMP
DBCTB63-2 DUBILIER-DBCTB63-2 Datasheet
129Kb / 1P
TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
logo
CamdenBoss Ltd.
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP0500 CAMDENBOSS-CTBP0500 Datasheet
382Kb / 1P
5mm pitch low profile rising clamp terminal blocks
CTBP3000 CAMDENBOSS-CTBP3000 Datasheet
426Kb / 1P
5mm pitch 45˚ rising clamp terminal blocks
CTBP9200 CAMDENBOSS-CTBP9200 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9300 CAMDENBOSS-CTBP9300 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9350 CAMDENBOSS-CTBP9350 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBPTDVG CAMDENBOSS-CTBPTDVG Datasheet
391Kb / 1P
5mm triple decker rising clamp terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com