Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBPTDVG Datasheet (PDF) - CamdenBoss Ltd.

CTBPTDVG Datasheet PDF - CamdenBoss Ltd.
Part # CTBPTDVG
Download  CTBPTDVG Download
File Size   391.29 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5mm triple decker rising clamp terminal blocks

CTBPTDVG Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBPTDVG Datasheet PDF - CamdenBoss Ltd.

Part # CTBPTDVG
Download  CTBPTDVG Click to download

File Size   391.29 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5mm triple decker rising clamp terminal blocks

CTBPTDVG Datasheet (HTML) - CamdenBoss Ltd.


CTBPTDVG Product details

Product ove r v i ew
• Triple decker terminals
• Moulded in green UL94-V0 flame
retardant PA66
• 2.5mm2 - IEC
• 30-14 AWG - UL
• Professional rising clamp terminals
• Guided pin alignment




Similar Part No. - CTBPTDVG

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP0100 CAMDENBOSS-CTBP0100 Datasheet
374Kb / 1P
5mm pitc h standard profile rising clamp terminal blocks
CTBP0100/10 CAMDENBOSS-CTBP0100/10 Datasheet
374Kb / 1P
5mm pitc h standard profile rising clamp terminal blocks
CTBP0100/11 CAMDENBOSS-CTBP0100/11 Datasheet
374Kb / 1P
5mm pitc h standard profile rising clamp terminal blocks
CTBP0100/12 CAMDENBOSS-CTBP0100/12 Datasheet
374Kb / 1P
5mm pitc h standard profile rising clamp terminal blocks
CTBP0100/2 CAMDENBOSS-CTBP0100/2 Datasheet
374Kb / 1P
5mm pitc h standard profile rising clamp terminal blocks
More results


Similar Description - CTBPTDVG

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB6-2 DUBILIER-DBCTB6-2 Datasheet
129Kb / 1P
TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
DBCTB63-2 DUBILIER-DBCTB63-2 Datasheet
129Kb / 1P
TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
logo
CamdenBoss Ltd.
CTB7000 CAMDENBOSS-CTB7000 Datasheet
416Kb / 1P
5mm pitch 36 pole rising clamp terminal blocks
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP0550 CAMDENBOSS-CTBP0550 Datasheet
412Kb / 1P
5mm low profile 90° rising clamp terminal blocks
CTBP3000 CAMDENBOSS-CTBP3000 Datasheet
426Kb / 1P
5mm pitch 45˚ rising clamp terminal blocks
CTBP9200 CAMDENBOSS-CTBP9200 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9300 CAMDENBOSS-CTBP9300 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9350 CAMDENBOSS-CTBP9350 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBPDDVJ CAMDENBOSS-CTBPDDVJ Datasheet
403Kb / 1P
5 .08mm double decker rising clamp terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com