Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP0550 Datasheet (PDF) - CamdenBoss Ltd.

CTBP0550 Datasheet PDF - CamdenBoss Ltd.
Part # CTBP0550
Download  CTBP0550 Download
File Size   412.84 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5mm low profile 90° rising clamp terminal blocks

CTBP0550 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBP0550 Datasheet PDF - CamdenBoss Ltd.

Part # CTBP0550
Download  CTBP0550 Click to download

File Size   412.84 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5mm low profile 90° rising clamp terminal blocks

CTBP0550 Datasheet (HTML) - CamdenBoss Ltd.


CTBP0550 Product details

Product ove r v i ew
• 2 and 3 pole double interlocking mechanism
for increased strength
• 4-12 pole solid block and end stackable
• Moulded in green UL94-V0 flame retardant PA
• Professional rising clamp terminals
• 0.32-1.6mm2 (26-14AWG) cable
• Guided pin alignment
• Captive screw




Similar Part No. - CTBP0550

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP0558 CAMDENBOSS-CTBP0558 Datasheet
398Kb / 1P
5 .08mm low profile 90° rising
CTBP0558/10 CAMDENBOSS-CTBP0558/10 Datasheet
398Kb / 1P
5 .08mm low profile 90° rising
CTBP0558/11 CAMDENBOSS-CTBP0558/11 Datasheet
398Kb / 1P
5 .08mm low profile 90° rising
CTBP0558/12 CAMDENBOSS-CTBP0558/12 Datasheet
398Kb / 1P
5 .08mm low profile 90° rising
CTBP0558/2 CAMDENBOSS-CTBP0558/2 Datasheet
398Kb / 1P
5 .08mm low profile 90° rising
More results


Similar Description - CTBP0550

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP01HL CAMDENBOSS-CTBP01HL Datasheet
378Kb / 1P
7.62mm standard profile 90° rising clamp terminal blocks
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP0150 CAMDENBOSS-CTBP0150 Datasheet
361Kb / 1P
5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0500 CAMDENBOSS-CTBP0500 Datasheet
382Kb / 1P
5mm pitch low profile rising clamp terminal blocks
CTBP0750 CAMDENBOSS-CTBP0750 Datasheet
393Kb / 1P
5mm high power 90° rising clamp terminal blocks
CTBP3000 CAMDENBOSS-CTBP3000 Datasheet
426Kb / 1P
5mm pitch 45˚ rising clamp terminal blocks
CTBP6550 CAMDENBOSS-CTBP6550 Datasheet
378Kb / 1P
10mm low profile 90° rising clamp terminal blocks
CTBP9300 CAMDENBOSS-CTBP9300 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9350 CAMDENBOSS-CTBP9350 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBPTDVG CAMDENBOSS-CTBPTDVG Datasheet
391Kb / 1P
5mm triple decker rising clamp terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com