Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP6550 Datasheet (PDF) - CamdenBoss Ltd.

CTBP6550 Datasheet PDF - CamdenBoss Ltd.
Part # CTBP6550
Download  CTBP6550 Download
File Size   378.51 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 10mm low profile 90° rising clamp terminal blocks

CTBP6550 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBP6550 Datasheet PDF - CamdenBoss Ltd.

Part # CTBP6550
Download  CTBP6550 Click to download

File Size   378.51 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 10mm low profile 90° rising clamp terminal blocks

CTBP6550 Datasheet (HTML) - CamdenBoss Ltd.


CTBP6550 Product details

Product ove r v i ew
• 1 and 2 pole double interlocking mechanism
for increased strength
• Moulded in green UL94-V0 flame retardant
PA
• Professional rising clamp terminals
• Cable acceptance - 0.33-1.3mm2 (22-16
AWG)
• Guided pin alignment
• Captive screws




Similar Part No. - CTBP6550

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP6000 CAMDENBOSS-CTBP6000 Datasheet
376Kb / 1P
10mm pitch low profile wire protector terminal blocks
CTBP6000/1 CAMDENBOSS-CTBP6000/1 Datasheet
376Kb / 1P
10mm pitch low profile wire protector terminal blocks
CTBP6000/1/15 CAMDENBOSS-CTBP6000/1/15 Datasheet
376Kb / 1P
10mm pitch low profile wire protector terminal blocks
CTBP6000/10 CAMDENBOSS-CTBP6000/10 Datasheet
376Kb / 1P
10mm pitch low profile wire protector terminal blocks
CTBP6000/11 CAMDENBOSS-CTBP6000/11 Datasheet
376Kb / 1P
10mm pitch low profile wire protector terminal blocks
More results


Similar Description - CTBP6550

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTB0202 CAMDENBOSS-CTB0202 Datasheet
372Kb / 1P
10mm pitc h standard profile rising clamp terminal blocks
CTB0602 CAMDENBOSS-CTB0602 Datasheet
354Kb / 1P
10mm pitc h l ow profile rising clamp terminal blocks
CTBP01HL CAMDENBOSS-CTBP01HL Datasheet
378Kb / 1P
7.62mm standard profile 90° rising clamp terminal blocks
CTBP0150 CAMDENBOSS-CTBP0150 Datasheet
361Kb / 1P
5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0305 CAMDENBOSS-CTBP0305 Datasheet
386Kb / 1P
3.5mm low profile vertical rising clamp terminal blocks
CTBP0308 CAMDENBOSS-CTBP0308 Datasheet
381Kb / 1P
3.81mm low profile vertical rising clamp terminal blocks
CTBP0500 CAMDENBOSS-CTBP0500 Datasheet
382Kb / 1P
5mm pitch low profile rising clamp terminal blocks
CTBP0550 CAMDENBOSS-CTBP0550 Datasheet
412Kb / 1P
5mm low profile 90° rising clamp terminal blocks
CTBP2550 CAMDENBOSS-CTBP2550 Datasheet
387Kb / 1P
10mm pitch standard profile 90° rising clamp terminal blocks
CTBP4000 CAMDENBOSS-CTBP4000 Datasheet
396Kb / 1P
10mm pitch low profile 45° rising clamp terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com