Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP0308 Datasheet (PDF) - CamdenBoss Ltd.

CTBP0308 Datasheet PDF - CamdenBoss Ltd.
Part # CTBP0308
Download  CTBP0308 Download
File Size   381.28 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 3.81mm low profile vertical rising clamp terminal blocks

CTBP0308 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBP0308 Datasheet PDF - CamdenBoss Ltd.

Part # CTBP0308
Download  CTBP0308 Click to download

File Size   381.28 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 3.81mm low profile vertical rising clamp terminal blocks

CTBP0308 Datasheet (HTML) - CamdenBoss Ltd.


CTBP0308 Product details

Product ove r v i ew
• 2 and 3 pole Interlocking
• 4-12 pole solid block
• Ultra low profile
• Moulded in green UL94-V0 flame retardant PA
• Professional rising clamp terminals
• 0.32-1.6mm2 (28-16AWG) cable
• Captive screws
• Guided pin alignment
• Double interlock mechanism for increased
strength




Similar Part No. - CTBP0308

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP0305 CAMDENBOSS-CTBP0305 Datasheet
386Kb / 1P
3.5mm low profile vertical rising clamp terminal blocks
CTBP0305/10 CAMDENBOSS-CTBP0305/10 Datasheet
386Kb / 1P
3.5mm low profile vertical rising clamp terminal blocks
CTBP0305/11 CAMDENBOSS-CTBP0305/11 Datasheet
386Kb / 1P
3.5mm low profile vertical rising clamp terminal blocks
CTBP0305/12 CAMDENBOSS-CTBP0305/12 Datasheet
386Kb / 1P
3.5mm low profile vertical rising clamp terminal blocks
CTBP0305/2 CAMDENBOSS-CTBP0305/2 Datasheet
386Kb / 1P
3.5mm low profile vertical rising clamp terminal blocks
More results


Similar Description - CTBP0308

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP92HE CAMDENBOSS-CTBP92HE Datasheet
791Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
CTBP92VE CAMDENBOSS-CTBP92VE Datasheet
793Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
CTBP93HE CAMDENBOSS-CTBP93HE Datasheet
791Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
CTBP93VE CAMDENBOSS-CTBP93VE Datasheet
791Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
CTBP0118 CAMDENBOSS-CTBP0118 Datasheet
367Kb / 1P
7.62mm standard profile vertical rising clamp terminal blocks
CTBP0305 CAMDENBOSS-CTBP0305 Datasheet
386Kb / 1P
3.5mm low profile vertical rising clamp terminal blocks
CTBP0500 CAMDENBOSS-CTBP0500 Datasheet
382Kb / 1P
5mm pitch low profile rising clamp terminal blocks
CTBP0508 CAMDENBOSS-CTBP0508 Datasheet
401Kb / 1P
5 .08mm pitch low profile rising clamp terminal blocks
CTBP0550 CAMDENBOSS-CTBP0550 Datasheet
412Kb / 1P
5mm low profile 90° rising clamp terminal blocks
CTBP6550 CAMDENBOSS-CTBP6550 Datasheet
378Kb / 1P
10mm low profile 90° rising clamp terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com