Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP6000 Datasheet (PDF) - CamdenBoss Ltd.

CTBP6000 Datasheet PDF - CamdenBoss Ltd.
Part # CTBP6000
Download  CTBP6000 Download
File Size   376.07 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 10mm pitch low profile wire protector terminal blocks

CTBP6000 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBP6000 Datasheet PDF - CamdenBoss Ltd.

Part # CTBP6000
Download  CTBP6000 Click to download

File Size   376.07 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 10mm pitch low profile wire protector terminal blocks

CTBP6000 Datasheet (HTML) - CamdenBoss Ltd.


CTBP6000 Product details

Product ove r v i ew
• 1 and 2 pole interlocking mechanism
• 3-6 pole solid block end stackable
• Moulded in green UL94-V0 flame retardant
PA
• Cable acceptance - 0.33-2mm2 (22-14AWG)
• Wire protector terminals
• Guided pin alignment
• Captive screws
• Anti solder wicking terminals




Similar Part No. - CTBP6000

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP6050 CAMDENBOSS-CTBP6050 Datasheet
381Kb / 1P
10mm pitch low profile 90° wire protector terminal blocks
CTBP6050/1 CAMDENBOSS-CTBP6050/1 Datasheet
381Kb / 1P
10mm pitch low profile 90° wire protector terminal blocks
CTBP6050/1/15 CAMDENBOSS-CTBP6050/1/15 Datasheet
381Kb / 1P
10mm pitch low profile 90° wire protector terminal blocks
CTBP6050/10 CAMDENBOSS-CTBP6050/10 Datasheet
381Kb / 1P
10mm pitch low profile 90° wire protector terminal blocks
CTBP6050/11 CAMDENBOSS-CTBP6050/11 Datasheet
381Kb / 1P
10mm pitch low profile 90° wire protector terminal blocks
More results


Similar Description - CTBP6000

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB11-2-2 DUBILIER-DBCTB11-2-2 Datasheet
123Kb / 1P
TERMINAL BLOCKS 10mm PITCH VERTICAL MOUNT
DBCTB25-2 DUBILIER-DBCTB25-2 Datasheet
112Kb / 1P
TERMINAL BLOCKS 10mm PITCH 45 MOUNT
DBCTB48-2 DUBILIER-DBCTB48-2 Datasheet
123Kb / 1P
TERMINAL BLOCKS 10mm PITCH VERTICAL MOUNT
logo
CamdenBoss Ltd.
CTBP0355 CAMDENBOSS-CTBP0355 Datasheet
836Kb / 1P
3.5mm low profile 90° wire protector terminal blocks
CTBP2000 CAMDENBOSS-CTBP2000 Datasheet
500Kb / 1P
10mm pitch standard profile terminal blocks
CTBP2050 CAMDENBOSS-CTBP2050 Datasheet
389Kb / 1P
10mm pitch standard profile 90° wire protector terminal blocks
CTBP2550 CAMDENBOSS-CTBP2550 Datasheet
387Kb / 1P
10mm pitch standard profile 90° rising clamp terminal blocks
CTBP4000 CAMDENBOSS-CTBP4000 Datasheet
396Kb / 1P
10mm pitch low profile 45° rising clamp terminal blocks
CTBP6050 CAMDENBOSS-CTBP6050 Datasheet
381Kb / 1P
10mm pitch low profile 90° wire protector terminal blocks
CTBP6550 CAMDENBOSS-CTBP6550 Datasheet
378Kb / 1P
10mm low profile 90° rising clamp terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com