Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP4000 Datasheet (PDF) - CamdenBoss Ltd.

CTBP4000 Datasheet PDF - CamdenBoss Ltd.
Part # CTBP4000
Download  CTBP4000 Download
File Size   396.29 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 10mm pitch low profile 45° rising clamp terminal blocks

CTBP4000 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBP4000 Datasheet PDF - CamdenBoss Ltd.

Part # CTBP4000
Download  CTBP4000 Click to download

File Size   396.29 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 10mm pitch low profile 45° rising clamp terminal blocks

CTBP4000 Datasheet (HTML) - CamdenBoss Ltd.


CTBP4000 Product details

Product ove r v i ew
• 1 and 12 pole interlocking mechanism
• 45° mounting
• Captive screws
• Moulded in green UL94-V0 flame retardant PA
• Cable acceptance - 0.32-1.6mm2 (28-14 AWG)




Similar Part No. - CTBP4000

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP0100 CAMDENBOSS-CTBP0100 Datasheet
374Kb / 1P
5mm pitc h standard profile rising clamp terminal blocks
CTBP0100/10 CAMDENBOSS-CTBP0100/10 Datasheet
374Kb / 1P
5mm pitc h standard profile rising clamp terminal blocks
CTBP0100/11 CAMDENBOSS-CTBP0100/11 Datasheet
374Kb / 1P
5mm pitc h standard profile rising clamp terminal blocks
CTBP0100/12 CAMDENBOSS-CTBP0100/12 Datasheet
374Kb / 1P
5mm pitc h standard profile rising clamp terminal blocks
CTBP0100/2 CAMDENBOSS-CTBP0100/2 Datasheet
374Kb / 1P
5mm pitc h standard profile rising clamp terminal blocks
More results


Similar Description - CTBP4000

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTB0202 CAMDENBOSS-CTB0202 Datasheet
372Kb / 1P
10mm pitc h standard profile rising clamp terminal blocks
CTB0602 CAMDENBOSS-CTB0602 Datasheet
354Kb / 1P
10mm pitc h l ow profile rising clamp terminal blocks
CTBP0308 CAMDENBOSS-CTBP0308 Datasheet
381Kb / 1P
3.81mm low profile vertical rising clamp terminal blocks
CTBP0500 CAMDENBOSS-CTBP0500 Datasheet
382Kb / 1P
5mm pitch low profile rising clamp terminal blocks
CTBP0508 CAMDENBOSS-CTBP0508 Datasheet
401Kb / 1P
5 .08mm pitch low profile rising clamp terminal blocks
CTBP0550 CAMDENBOSS-CTBP0550 Datasheet
412Kb / 1P
5mm low profile 90° rising clamp terminal blocks
CTBP2550 CAMDENBOSS-CTBP2550 Datasheet
387Kb / 1P
10mm pitch standard profile 90° rising clamp terminal blocks
CTBP3000 CAMDENBOSS-CTBP3000 Datasheet
426Kb / 1P
5mm pitch 45˚ rising clamp terminal blocks
CTBP3008 CAMDENBOSS-CTBP3008 Datasheet
226Kb / 1P
5 .08mm 45° rising clamp terminal blocks
CTBP6550 CAMDENBOSS-CTBP6550 Datasheet
378Kb / 1P
10mm low profile 90° rising clamp terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com