Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTB0202 Datasheet (PDF) - CamdenBoss Ltd.

CTB0202 Datasheet PDF - CamdenBoss Ltd.
Part # CTB0202
Download  CTB0202 Download
File Size   372.32 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 10mm pitc h standard profile rising clamp terminal blocks

CTB0202 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTB0202 Datasheet PDF - CamdenBoss Ltd.

Part # CTB0202
Download  CTB0202 Click to download

File Size   372.32 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 10mm pitc h standard profile rising clamp terminal blocks

CTB0202 Datasheet (HTML) - CamdenBoss Ltd.


CTB0202 Product details

Product ove r v i ew
• 2 to 12 pole interlocking
• Professional rising clamp terminals
• Standard profile
• Moulded in green UL94-V0 flame
retardant PA66
• Cable acceptance - 0.33-3.31mm2 (22-12
AWG)
• Guided pin alignment




Similar Part No. - CTB0202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTB04VY ETC2-CTB04VY Datasheet
172Kb / 1P
6.35mm Pitch Power Terminal Rising Clamp Terminal
CTB04VY10 ETC2-CTB04VY10 Datasheet
172Kb / 1P
6.35mm Pitch Power Terminal Rising Clamp Terminal
CTB04VY11 ETC2-CTB04VY11 Datasheet
172Kb / 1P
6.35mm Pitch Power Terminal Rising Clamp Terminal
CTB04VY12 ETC2-CTB04VY12 Datasheet
172Kb / 1P
6.35mm Pitch Power Terminal Rising Clamp Terminal
CTB04VY2 ETC2-CTB04VY2 Datasheet
172Kb / 1P
6.35mm Pitch Power Terminal Rising Clamp Terminal
More results


Similar Description - CTB0202

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTB0602 CAMDENBOSS-CTB0602 Datasheet
354Kb / 1P
10mm pitc h l ow profile rising clamp terminal blocks
CTB0609 CAMDENBOSS-CTB0609 Datasheet
359Kb / 1P
10.16mm pitc h l ow profile rising clamp terminal blocks
CTBP0100 CAMDENBOSS-CTBP0100 Datasheet
374Kb / 1P
5mm pitc h standard profile rising clamp terminal blocks
CTBP0110 CAMDENBOSS-CTBP0110 Datasheet
396Kb / 1P
7.5mm pitch standard profile rising clamp terminal blocks
CTBP0115 CAMDENBOSS-CTBP0115 Datasheet
398Kb / 1P
7.5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0150 CAMDENBOSS-CTBP0150 Datasheet
361Kb / 1P
5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0158 CAMDENBOSS-CTBP0158 Datasheet
388Kb / 1P
5 .08mm pitc h standard profile 90° rising clamp terminal blocks
CTBP2550 CAMDENBOSS-CTBP2550 Datasheet
387Kb / 1P
10mm pitch standard profile 90° rising clamp terminal blocks
CTBP4000 CAMDENBOSS-CTBP4000 Datasheet
396Kb / 1P
10mm pitch low profile 45° rising clamp terminal blocks
CTBP6550 CAMDENBOSS-CTBP6550 Datasheet
378Kb / 1P
10mm low profile 90° rising clamp terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com