Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP0158 Datasheet (PDF) - CamdenBoss Ltd.

CTBP0158 Datasheet PDF - CamdenBoss Ltd.
Part # CTBP0158
Download  CTBP0158 Download
File Size   388.22 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5 .08mm pitc h standard profile 90° rising clamp terminal blocks

CTBP0158 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBP0158 Datasheet PDF - CamdenBoss Ltd.

Part # CTBP0158
Download  CTBP0158 Click to download

File Size   388.22 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5 .08mm pitc h standard profile 90° rising clamp terminal blocks

CTBP0158 Datasheet (HTML) - CamdenBoss Ltd.


CTBP0158 Product details

Product ove r v i ew
• 2 and 3 pole double interlocking mechanism
for increased strength
• Moulded in green UL94-V0 flame retardant
PA
• 90° mounting
• Cable acceptance - 0.3-3.31mm2 (22-12AWG)
• Professional rising clamp terminals
• Guided pin alignment
• Captive screws




Similar Part No. - CTBP0158

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP0150 CAMDENBOSS-CTBP0150 Datasheet
361Kb / 1P
5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0150/10 CAMDENBOSS-CTBP0150/10 Datasheet
361Kb / 1P
5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0150/11 CAMDENBOSS-CTBP0150/11 Datasheet
361Kb / 1P
5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0150/12 CAMDENBOSS-CTBP0150/12 Datasheet
361Kb / 1P
5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0150/2 CAMDENBOSS-CTBP0150/2 Datasheet
361Kb / 1P
5mm pitc h standard profile 90° rising clamp terminal blocks
More results


Similar Description - CTBP0158

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTB0202 CAMDENBOSS-CTB0202 Datasheet
372Kb / 1P
10mm pitc h standard profile rising clamp terminal blocks
CTB0602 CAMDENBOSS-CTB0602 Datasheet
354Kb / 1P
10mm pitc h l ow profile rising clamp terminal blocks
CTB0609 CAMDENBOSS-CTB0609 Datasheet
359Kb / 1P
10.16mm pitc h l ow profile rising clamp terminal blocks
CTBP0100 CAMDENBOSS-CTBP0100 Datasheet
374Kb / 1P
5mm pitc h standard profile rising clamp terminal blocks
CTBP0108 CAMDENBOSS-CTBP0108 Datasheet
388Kb / 1P
5 .08mm pitch standard profile rising clamp terminal blocks
CTBP0115 CAMDENBOSS-CTBP0115 Datasheet
398Kb / 1P
7.5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0150 CAMDENBOSS-CTBP0150 Datasheet
361Kb / 1P
5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0508 CAMDENBOSS-CTBP0508 Datasheet
401Kb / 1P
5 .08mm pitch low profile rising clamp terminal blocks
CTBP0758 CAMDENBOSS-CTBP0758 Datasheet
394Kb / 1P
5 .08mm pitch high power 90° rising clamp terminal blocks
CTBP3008 CAMDENBOSS-CTBP3008 Datasheet
226Kb / 1P
5 .08mm 45° rising clamp terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com