Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP0758 Datasheet (PDF) - CamdenBoss Ltd.

CTBP0758 Datasheet PDF - CamdenBoss Ltd.
Part # CTBP0758
Download  CTBP0758 Download
File Size   394.61 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5 .08mm pitch high power 90° rising clamp terminal blocks

CTBP0758 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBP0758 Datasheet PDF - CamdenBoss Ltd.

Part # CTBP0758
Download  CTBP0758 Click to download

File Size   394.61 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5 .08mm pitch high power 90° rising clamp terminal blocks

CTBP0758 Datasheet (HTML) - CamdenBoss Ltd.


CTBP0758 Product details

Product ove r v i ew
• 2 and 3 pole double interlocking
mechanism for increased strength
• Professional rising clamp terminals
• High profile 90° mounting
• Moulded in green UL94-V0 flame
retardant PA66
• Cable acceptance - 0.4-2mm2 (26-12AWG)
• 20A 300V
• Guided pin alignment




Similar Part No. - CTBP0758

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP0750 CAMDENBOSS-CTBP0750 Datasheet
393Kb / 1P
5mm high power 90° rising clamp terminal blocks
CTBP0750/10 CAMDENBOSS-CTBP0750/10 Datasheet
393Kb / 1P
5mm high power 90° rising clamp terminal blocks
CTBP0750/11 CAMDENBOSS-CTBP0750/11 Datasheet
393Kb / 1P
5mm high power 90° rising clamp terminal blocks
CTBP0750/12 CAMDENBOSS-CTBP0750/12 Datasheet
393Kb / 1P
5mm high power 90° rising clamp terminal blocks
CTBP0750/2 CAMDENBOSS-CTBP0750/2 Datasheet
393Kb / 1P
5mm high power 90° rising clamp terminal blocks
More results


Similar Description - CTBP0758

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP92VJ CAMDENBOSS-CTBP92VJ Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP0108 CAMDENBOSS-CTBP0108 Datasheet
388Kb / 1P
5 .08mm pitch standard profile rising clamp terminal blocks
CTBP0158 CAMDENBOSS-CTBP0158 Datasheet
388Kb / 1P
5 .08mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0508 CAMDENBOSS-CTBP0508 Datasheet
401Kb / 1P
5 .08mm pitch low profile rising clamp terminal blocks
CTBP0708 CAMDENBOSS-CTBP0708 Datasheet
379Kb / 1P
5 .08mm pitch high power rising clamp terminal blocks
CTBP3008 CAMDENBOSS-CTBP3008 Datasheet
226Kb / 1P
5 .08mm 45° rising clamp terminal blocks
CTBP9208 CAMDENBOSS-CTBP9208 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP9308 CAMDENBOSS-CTBP9308 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBP9358 CAMDENBOSS-CTBP9358 Datasheet
906Kb / 2P
5 .08mm pitch pluggable rising clamp terminal blocks
CTBPDDVJ CAMDENBOSS-CTBPDDVJ Datasheet
403Kb / 1P
5 .08mm double decker rising clamp terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com