Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP0355 Datasheet (PDF) - CamdenBoss Ltd.

CTBP0355 Datasheet PDF - CamdenBoss Ltd.
Part # CTBP0355
Download  CTBP0355 Download
File Size   836.89 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 3.5mm low profile 90° wire protector terminal blocks

CTBP0355 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBP0355 Datasheet PDF - CamdenBoss Ltd.

Part # CTBP0355
Download  CTBP0355 Click to download

File Size   836.89 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 3.5mm low profile 90° wire protector terminal blocks

CTBP0355 Datasheet (HTML) - CamdenBoss Ltd.


CTBP0355 Product details

Product ove r v i ew
• 2-12 pole interlocking
• 4-12 pole pre-assembled
• Ultra low profi le
• Moulded in green UL94-V0 fl ame retardant PA
• Wire protector terminals
• 0.5-1.0mm2 (24-18AWG) cable
• Captive screws
• Guided pin alignment
• Double interlock mechanism for increased
strength




Similar Part No. - CTBP0355

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP0305 CAMDENBOSS-CTBP0305 Datasheet
386Kb / 1P
3.5mm low profile vertical rising clamp terminal blocks
CTBP0305/10 CAMDENBOSS-CTBP0305/10 Datasheet
386Kb / 1P
3.5mm low profile vertical rising clamp terminal blocks
CTBP0305/11 CAMDENBOSS-CTBP0305/11 Datasheet
386Kb / 1P
3.5mm low profile vertical rising clamp terminal blocks
CTBP0305/12 CAMDENBOSS-CTBP0305/12 Datasheet
386Kb / 1P
3.5mm low profile vertical rising clamp terminal blocks
CTBP0305/2 CAMDENBOSS-CTBP0305/2 Datasheet
386Kb / 1P
3.5mm low profile vertical rising clamp terminal blocks
More results


Similar Description - CTBP0355

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB1-2 DUBILIER-DBCTB1-2 Datasheet
142Kb / 1P
TERMINAL BLOCKS 3.5mm PITCH VERTICAL MOUNT - LOW PROFILE
DBCTB56-2 DUBILIER-DBCTB56-2 Datasheet
142Kb / 1P
TERMINAL BLOCKS 3.5mm PITCH VERTICAL MOUNT - LOW PROFILE
DBCTB81-2 DUBILIER-DBCTB81-2 Datasheet
96Kb / 1P
TERMINAL BLOCKS 3.5mm PITCH 90 MOUNT
logo
CamdenBoss Ltd.
CTBP0305 CAMDENBOSS-CTBP0305 Datasheet
386Kb / 1P
3.5mm low profile vertical rising clamp terminal blocks
CTBP2050 CAMDENBOSS-CTBP2050 Datasheet
389Kb / 1P
10mm pitch standard profile 90° wire protector terminal blocks
CTBP3051 CAMDENBOSS-CTBP3051 Datasheet
438Kb / 1P
3.5mm pitch low profile commercial screw terminal blocks
CTBP5050 CAMDENBOSS-CTBP5050 Datasheet
415Kb / 1P
5mm pitch low profile 90° screw terminal blocks
CTBP6000 CAMDENBOSS-CTBP6000 Datasheet
376Kb / 1P
10mm pitch low profile wire protector terminal blocks
CTBP6050 CAMDENBOSS-CTBP6050 Datasheet
381Kb / 1P
10mm pitch low profile 90° wire protector terminal blocks
CTBP6550 CAMDENBOSS-CTBP6550 Datasheet
378Kb / 1P
10mm low profile 90° rising clamp terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com