Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP3051 Datasheet (PDF) - CamdenBoss Ltd.

CTBP3051 Datasheet PDF - CamdenBoss Ltd.
Part # CTBP3051
Download  CTBP3051 Download
File Size   438.55 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 3.5mm pitch low profile commercial screw terminal blocks

CTBP3051 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBP3051 Datasheet PDF - CamdenBoss Ltd.

Part # CTBP3051
Download  CTBP3051 Click to download

File Size   438.55 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 3.5mm pitch low profile commercial screw terminal blocks

CTBP3051 Datasheet (HTML) - CamdenBoss Ltd.


CTBP3051 Product details

Product ove r v i ew
• 2-12 pole double interlock mechanism for
increased strength
• Wire protector terminals
• Ultra low profile
• UL94-V0 flame retardant PA66
• Cable acceptance - 0.5-1.0mm2 (24-18AWG)




Similar Part No. - CTBP3051

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP3000 CAMDENBOSS-CTBP3000 Datasheet
426Kb / 1P
5mm pitch 45˚ rising clamp terminal blocks
CTBP3000/10 CAMDENBOSS-CTBP3000/10 Datasheet
426Kb / 1P
5mm pitch 45˚ rising clamp terminal blocks
CTBP3000/11 CAMDENBOSS-CTBP3000/11 Datasheet
426Kb / 1P
5mm pitch 45˚ rising clamp terminal blocks
CTBP3000/12 CAMDENBOSS-CTBP3000/12 Datasheet
426Kb / 1P
5mm pitch 45˚ rising clamp terminal blocks
CTBP3000/2 CAMDENBOSS-CTBP3000/2 Datasheet
426Kb / 1P
5mm pitch 45˚ rising clamp terminal blocks
More results


Similar Description - CTBP3051

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB1-2 DUBILIER-DBCTB1-2 Datasheet
142Kb / 1P
TERMINAL BLOCKS 3.5mm PITCH VERTICAL MOUNT - LOW PROFILE
DBCTB41-2 DUBILIER-DBCTB41-2 Datasheet
98Kb / 1P
TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
DBCTB56-2 DUBILIER-DBCTB56-2 Datasheet
142Kb / 1P
TERMINAL BLOCKS 3.5mm PITCH VERTICAL MOUNT - LOW PROFILE
DBCTB702 DUBILIER-DBCTB702 Datasheet
294Kb / 2P
TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
logo
CamdenBoss Ltd.
CSTBP92HD CAMDENBOSS-CSTBP92HD Datasheet
304Kb / 1P
3.5mm pitch pluggable screwless terminal blocks
CTBP55VK CAMDENBOSS-CTBP55VK Datasheet
418Kb / 1P
7.5mm pitch commercial low profile screw terminal blocks
CTBP0305 CAMDENBOSS-CTBP0305 Datasheet
386Kb / 1P
3.5mm low profile vertical rising clamp terminal blocks
CTBP0355 CAMDENBOSS-CTBP0355 Datasheet
836Kb / 1P
3.5mm low profile 90° wire protector terminal blocks
CTBP5000 CAMDENBOSS-CTBP5000 Datasheet
445Kb / 1P
5mm pitch low profile screw terminal blocks
CTBP5050 CAMDENBOSS-CTBP5050 Datasheet
415Kb / 1P
5mm pitch low profile 90° screw terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com