Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP90VG Datasheet (PDF) - CamdenBoss Ltd.

CTBP90VG Datasheet PDF - CamdenBoss Ltd.
Part # CTBP90VG
Download  CTBP90VG Download
File Size   554.16 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5mm pitch inline screw PCB terminal blocks

CTBP90VG Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBP90VG Datasheet PDF - CamdenBoss Ltd.

Part # CTBP90VG
Download  CTBP90VG Click to download

File Size   554.16 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5mm pitch inline screw PCB terminal blocks

CTBP90VG Datasheet (HTML) - CamdenBoss Ltd.


CTBP90VG Product details

Product ove r v i ew
System provides same-side access as wire
entry
• 1 to 12 pole interlocking
• Professional rising clamp terminals
• Standard profile
• Moulded in green UL94-V0 flame
retardant PA66
• Cable acceptance - 0.5-2mm2 (24-
12AWG)
• Available in horizontal or vertical
orientations
• Double row pins for enhanced board
stability
• Useful in applications with restricted
vertical access, e.g. covered enclosures




Similar Part No. - CTBP90VG

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP90VG/10 CAMDENBOSS-CTBP90VG/10 Datasheet
554Kb / 1P
5mm pitch inline screw PCB terminal blocks
CTBP90VG/11 CAMDENBOSS-CTBP90VG/11 Datasheet
554Kb / 1P
5mm pitch inline screw PCB terminal blocks
CTBP90VG/12 CAMDENBOSS-CTBP90VG/12 Datasheet
554Kb / 1P
5mm pitch inline screw PCB terminal blocks
CTBP90VG/2 CAMDENBOSS-CTBP90VG/2 Datasheet
554Kb / 1P
5mm pitch inline screw PCB terminal blocks
CTBP90VG/3 CAMDENBOSS-CTBP90VG/3 Datasheet
554Kb / 1P
5mm pitch inline screw PCB terminal blocks
More results


Similar Description - CTBP90VG

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB2-2 DUBILIER-DBCTB2-2 Datasheet
105Kb / 1P
TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB10-2 DUBILIER-DBCTB10-2 Datasheet
104Kb / 1P
TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
DBCTB16-2 DUBILIER-DBCTB16-2 Datasheet
110Kb / 1P
TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB28-2 DUBILIER-DBCTB28-2 Datasheet
420Kb / 1P
TERMINAL BLOCKS 5mm PITCH PLUG IN
DBCTB43-2 DUBILIER-DBCTB43-2 Datasheet
104Kb / 1P
TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
logo
CamdenBoss Ltd.
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
5mm screwless terminal blocks
CTBP90HG CAMDENBOSS-CTBP90HG Datasheet
554Kb / 1P
5mm pitch inline screw PCB terminal blocks
CTBP1050 CAMDENBOSS-CTBP1050 Datasheet
415Kb / 1P
5mm pitch standard profile 90˚ screw terminal blocks
CTBP5000 CAMDENBOSS-CTBP5000 Datasheet
445Kb / 1P
5mm pitch low profile screw terminal blocks
CTBP5050 CAMDENBOSS-CTBP5050 Datasheet
415Kb / 1P
5mm pitch low profile 90° screw terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com