Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP1050 Datasheet (PDF) - CamdenBoss Ltd.

CTBP1050 Datasheet PDF - CamdenBoss Ltd.
Part # CTBP1050
Download  CTBP1050 Download
File Size   415.59 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5mm pitch standard profile 90˚ screw terminal blocks

CTBP1050 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBP1050 Datasheet PDF - CamdenBoss Ltd.

Part # CTBP1050
Download  CTBP1050 Click to download

File Size   415.59 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5mm pitch standard profile 90˚ screw terminal blocks

CTBP1050 Datasheet (HTML) - CamdenBoss Ltd.


CTBP1050 Product details

Product ove r v i ew
• 2 and 3 pole interlocking
• Wire protector terminals
• Standard profile 90° mounting
• Moulded in UL94-V0 flame retardant
PA66
• Cable acceptance - 0.6-1.6mm2 (22-
14AWG)
• Guided pin alignment
• Anti solder wicking terminals




Similar Part No. - CTBP1050

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP1000 CAMDENBOSS-CTBP1000 Datasheet
416Kb / 1P
5mm pitch standard profiles crew 5mm pitc h standard pro f i l e s c rew
CTBP1000/10 CAMDENBOSS-CTBP1000/10 Datasheet
416Kb / 1P
5mm pitch standard profiles crew 5mm pitc h standard pro f i l e s c rew
CTBP1000/11 CAMDENBOSS-CTBP1000/11 Datasheet
416Kb / 1P
5mm pitch standard profiles crew 5mm pitc h standard pro f i l e s c rew
CTBP1000/12 CAMDENBOSS-CTBP1000/12 Datasheet
416Kb / 1P
5mm pitch standard profiles crew 5mm pitc h standard pro f i l e s c rew
CTBP1000/2 CAMDENBOSS-CTBP1000/2 Datasheet
416Kb / 1P
5mm pitch standard profiles crew 5mm pitc h standard pro f i l e s c rew
More results


Similar Description - CTBP1050

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB4-2 DUBILIER-DBCTB4-2 Datasheet
107Kb / 1P
TERMINAL BLOCKS 5mm PITCH 90 MOUNT - LOW PROFILE
DBCTB10-2 DUBILIER-DBCTB10-2 Datasheet
104Kb / 1P
TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
DBCTB43-2 DUBILIER-DBCTB43-2 Datasheet
104Kb / 1P
TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
logo
CamdenBoss Ltd.
CTBP90HG CAMDENBOSS-CTBP90HG Datasheet
554Kb / 1P
5mm pitch inline screw PCB terminal blocks
CTBP90VG CAMDENBOSS-CTBP90VG Datasheet
554Kb / 1P
5mm pitch inline screw PCB terminal blocks
CTBP0150 CAMDENBOSS-CTBP0150 Datasheet
361Kb / 1P
5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0550 CAMDENBOSS-CTBP0550 Datasheet
412Kb / 1P
5mm low profile 90° rising clamp terminal blocks
CTBP2550 CAMDENBOSS-CTBP2550 Datasheet
387Kb / 1P
10mm pitch standard profile 90° rising clamp terminal blocks
CTBP5000 CAMDENBOSS-CTBP5000 Datasheet
445Kb / 1P
5mm pitch low profile screw terminal blocks
CTBP5050 CAMDENBOSS-CTBP5050 Datasheet
415Kb / 1P
5mm pitch low profile 90° screw terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com