Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLR Datasheet (PDF) - RFE international

FLR Datasheet PDF - RFE international
Part # FLR
Download  FLR Download
File Size   451.88 Kbytes
Page   2 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description STRAP MOUNT PPTC RESETTABLE FUSE

FLR Datasheet (PDF)

Go To PDF Page Download Datasheet
FLR Datasheet PDF - RFE international

Part # FLR
Download  FLR Click to download

File Size   451.88 Kbytes
Page   2 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description STRAP MOUNT PPTC RESETTABLE FUSE

FLR Datasheet (HTML) - RFE international


FLR Product details

FEATURES
• Applications : Laptop Computer, Rechargeable battery packs, Lithium Cell and battery packs
• Product Features : Low profile, Solid state,
• Operation Current: 1.9A ~ 7.3A
• Maximum Voltage: 15Vdc ~ 20Vdc
• Temperature Range: -40°C to 85°C




Similar Part No. - FLR

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
FLR.00.250.NTA50 LEMO-FLR.00.250.NTA50 Datasheet
61Kb / 3P
00 - NIM-CAMAC
logo
DB Lectro Inc
FLR190 DBLECTRO-FLR190 Datasheet
108Kb / 3P
Axial Leaded PTC FLR Series
logo
RFE international
FLR190F RFE-FLR190F Datasheet
129Kb / 1P
STRAP TYPE PPTC FLR Series
logo
Fuzetec Technology Co.,...
FLR190F FUZETEC-FLR190F Datasheet
82Kb / 3P
Axial Leaded PTC Resettable Fuse: FLR Series
logo
DB Lectro Inc
FLR190S DBLECTRO-FLR190S Datasheet
108Kb / 3P
Axial Leaded PTC FLR Series
More results


Similar Description - FLR

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
F0603L AITSEMI-F0603L Datasheet
322Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F0805L AITSEMI-F0805L Datasheet
319Kb / 4P
SMD PPTC RESETTABLE FUSE
REV1.0
F1210L AITSEMI-F1210L Datasheet
429Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F1812L AITSEMI-F1812L Datasheet
541Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F2920L AITSEMI-F2920L Datasheet
398Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1206L AITSEMI-LO-RHO-F1206L Datasheet
221Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1812L AITSEMI-LO-RHO-F1812L Datasheet
194Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
logo
RFE international
FSR RFE-FSR Datasheet
450Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FVL RFE-FVL Datasheet
448Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FVT RFE-FVT Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com