Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVL Datasheet (PDF) - RFE international

FVL Datasheet PDF - RFE international
Part # FVL
Download  FVL Download
File Size   448.62 Kbytes
Page   2 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description STRAP MOUNT PPTC RESETTABLE FUSE

FVL Datasheet (PDF)

Go To PDF Page Download Datasheet
FVL Datasheet PDF - RFE international

Part # FVL
Download  FVL Click to download

File Size   448.62 Kbytes
Page   2 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description STRAP MOUNT PPTC RESETTABLE FUSE

FVL Datasheet (HTML) - RFE international


FVL Product details

FEATURES
Applications : Laptop Computer, Rechargeable battery packs, Lithium Cell and battery packs
Product Features : Low profile, Solid state,
Operation Current: 1.7A ~ 2.3A
Maximum Voltage: 12Vdc
Temperature Range: -40°C to 85°C




Similar Part No. - FVL

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
FVL.2W.012.CLLC85 LEMO-FVL.2W.012.CLLC85 Datasheet
67Kb / 3P
W - Underwater
FVL.2W.304.CLLK90 LEMO-FVL.2W.304.CLLK90 Datasheet
60Kb / 3P
W - Underwater
FVL.2W.308.CLLC80 LEMO-FVL.2W.308.CLLC80 Datasheet
61Kb / 3P
W - Underwater
FVL.2W.308.CYMC75 LEMO-FVL.2W.308.CYMC75 Datasheet
62Kb / 3P
W - Underwater
FVL.2W.310.CLLK10 LEMO-FVL.2W.310.CLLK10 Datasheet
60Kb / 3P
W - Underwater
More results


Similar Description - FVL

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
F0603L AITSEMI-F0603L Datasheet
322Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F0805L AITSEMI-F0805L Datasheet
319Kb / 4P
SMD PPTC RESETTABLE FUSE
REV1.0
F1210L AITSEMI-F1210L Datasheet
429Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F1812L AITSEMI-F1812L Datasheet
541Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
F2920L AITSEMI-F2920L Datasheet
398Kb / 5P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1206L AITSEMI-LO-RHO-F1206L Datasheet
221Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1812L AITSEMI-LO-RHO-F1812L Datasheet
194Kb / 3P
SMD PPTC RESETTABLE FUSE
REV1.0
logo
RFE international
FLR RFE-FLR Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FSR RFE-FSR Datasheet
450Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FVT RFE-FVT Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com