Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCLH Datasheet (PDF) - RFE international

SCLH Datasheet PDF - RFE international
Part # SCLH
Download  SCLH Download
File Size   1742.28 Kbytes
Page   14 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description SMD Ceramic Multilayer Chip Inductors

SCLH Datasheet (PDF)

Go To PDF Page Download Datasheet
SCLH Datasheet PDF - RFE international

Part # SCLH
Download  SCLH Click to download

File Size   1742.28 Kbytes
Page   14 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description SMD Ceramic Multilayer Chip Inductors

SCLH Datasheet (HTML) - RFE international


SCLH Product details

FEATURES
Excellent Q factor and SRF characteristics
Small size is suitable for small portable equipment
Supports operating frequency up to 6GHz with
inductance values from 0.6nH to 470nH
-55°C ~ +125°C

APPLICATIONS
RF Resonance and Impedance Matching Circuit
RF and wireless communication
Information technology equipment, computers, telecommunications,
radar detectors, automotive electronics, cellular phones, pagers,
PDAs, keyless remote systems
Use in L-C filter configurations
Packing Type: T : Taping B : Bulk
Product series identification:
SCLH0603-S: Top side full mark
SCLH1005-S: white
SCLH1608-S: white
SCLH2012-S: white




Similar Part No. - SCLH

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SCL EXAR-SCL Datasheet
1Mb / 29P
Quad Channel Digital PWM/PFM Programmable Power Management System
logo
Neutrik AG
SCL NEUTRIK-SCL Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
logo
SOVICO corp.
SCL-1218S SOVICO-SCL-1218S Datasheet
654Kb / 2P
Column Array Loudspeaker/Subwoofer
SCL-12JB SOVICO-SCL-12JB Datasheet
2Mb / 1P
Joint Bracket
Mar. 2022.
SCL-12SB SOVICO-SCL-12SB Datasheet
3Mb / 1P
Stand Bracket
Mar. 2022.
More results


Similar Description - SCLH

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIMC-0805 ABRACON-AIMC-0805 Datasheet
59Kb / 1P
MULTILAYER CERAMIC CHIP INDUCTORS
logo
Sumida Corporation
SCI-B1608-10N SUMIDA-SCI-B1608-10N Datasheet
333Kb / 2P
Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0603 ABRACON-AIMC-0603 Datasheet
1Mb / 2P
MULTILAYER CHIP CERAMIC INDUCTORS
06.01.11
logo
List of Unclassifed Man...
CHQ ETC2-CHQ Datasheet
446Kb / 7P
SMD Ceramic Multilayer Chip Inductors
CLH ETC2-CLH Datasheet
1Mb / 25P
SMD Ceramic Multilayer Chip Inductors
logo
Frontier Electronics.
TF060303 FRONTIER-TF060303 Datasheet
144Kb / 2P
SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF100505 FRONTIER-TF100505_15 Datasheet
125Kb / 2P
SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF160808 FRONTIER-TF160808_15 Datasheet
115Kb / 2P
SMD MULTILAYER CERAMIC CHIP INDUCTORS
logo
Shanghai Leiditech Elec...
LMH LEIDITECH-LMH Datasheet
6Mb / 22P
SMD Ceramic Multilayer Chip Inductors
LSCQ LEIDITECH-LSCQ Datasheet
7Mb / 13P
SMD Ceramic Multilayer Chip Inductors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com