Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCLH Datasheet(PDF) 8 Page - RFE international

Part # SCLH
Description  SMD Ceramic Multilayer Chip Inductors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SCLH Datasheet(HTML) 8 Page - RFE international

Back Button SCLH Datasheet HTML 4Page - RFE international SCLH Datasheet HTML 5Page - RFE international SCLH Datasheet HTML 6Page - RFE international SCLH Datasheet HTML 7Page - RFE international SCLH Datasheet HTML 8Page - RFE international SCLH Datasheet HTML 9Page - RFE international SCLH Datasheet HTML 10Page - RFE international SCLH Datasheet HTML 11Page - RFE international SCLH Datasheet HTML 12Page - RFE international Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Q Min
Part Number
Inductance
(nH)
at 100MHz
Tolerance
at 50MHz
at 100MHz
SRF
(MHz) Typ
DC Resistance
( ) Max
IDC
(mA) Max
Page 8 of 14
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com 23-OCT-2023
SMD Ceramic Multilayer Chip Inductors
SCLH Series
ELECTRICAL CHARACTERISTICS
1608(0603)Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com