Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE41 Datasheet (PDF) - CamdenBoss Ltd.

CE41 Datasheet PDF - CamdenBoss Ltd.
Part # CE41
Download  CE41 Download
File Size   591.03 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 40mm wide limit switches

CE41 Datasheet (PDF)

Go To PDF Page Download Datasheet
CE41 Datasheet PDF - CamdenBoss Ltd.

Part # CE41
Download  CE41 Click to download

File Size   591.03 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 40mm wide limit switches

CE41 Datasheet (HTML) - CamdenBoss Ltd.


CE41 Product details

Product ove r v i ew
• 40mm width
• Double insulated plastic
• Plastic option to IP65
• Metal option to IP66
• Snap action contacts




Similar Part No. - CE41

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CE41.00.S5M CAMDENBOSS-CE41.00.S5M Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE41.00.S5P CAMDENBOSS-CE41.00.S5P Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE41.00.TM CAMDENBOSS-CE41.00.TM Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE41.01.S5M CAMDENBOSS-CE41.01.S5M Datasheet
376Kb / 2P
Safe t y l i m i t switches
CE41.01.S5P CAMDENBOSS-CE41.01.S5P Datasheet
376Kb / 2P
Safe t y l i m i t switches
More results


Similar Description - CE41

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
Safety Limit Switches
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
Safety Limit Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
Current-Limit Switches
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
LIMIT Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
NEMA Limit Switches
Feb 12, 2023
logo
CamdenBoss Ltd.
CE20 CAMDENBOSS-CE20 Datasheet
721Kb / 1P
50mm wide IP65 limit switches
CE21 CAMDENBOSS-CE21 Datasheet
663Kb / 1P
50mm wide IP66 limit switches
CE31 CAMDENBOSS-CE31 Datasheet
695Kb / 1P
60mm wide limit switches
CE70 CAMDENBOSS-CE70 Datasheet
874Kb / 1P
30mm wide pre-wired limit switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com