Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE70 Datasheet (PDF) - CamdenBoss Ltd.

CE70 Datasheet PDF - CamdenBoss Ltd.
Part # CE70
Download  CE70 Download
File Size   874.32 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 30mm wide pre-wired limit switches

CE70 Datasheet (PDF)

Go To PDF Page Download Datasheet
CE70 Datasheet PDF - CamdenBoss Ltd.

Part # CE70
Download  CE70 Click to download

File Size   874.32 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 30mm wide pre-wired limit switches

CE70 Datasheet (HTML) - CamdenBoss Ltd.


CE70 Product details

Product ove r v i ew
• 30mm width
• Pre wired. 1M cable standard
• For 2M cable add suffix /2
• Metal casing
• Rated to IP67
• Snap action contacts




Similar Part No. - CE70

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CE71 FUJITSU-CE71 Datasheet
56Kb / 4P
0.25um CMOS Technology
CE71J1 FUJITSU-CE71J1 Datasheet
56Kb / 4P
0.25um CMOS Technology
CE71J2 FUJITSU-CE71J2 Datasheet
56Kb / 4P
0.25um CMOS Technology
CE71J3 FUJITSU-CE71J3 Datasheet
56Kb / 4P
0.25um CMOS Technology
CE71J4 FUJITSU-CE71J4 Datasheet
56Kb / 4P
0.25um CMOS Technology
More results


Similar Description - CE70

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
Safety Limit Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
Limit Switches
logo
List of Unclassifed Man...
FA4501-2DN ETC2-FA4501-2DN Datasheet
78Kb / 2P
Miniature Pre-Cabled Limit Switches FA
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
Current-Limit Switches
logo
Omron Electronics LLC
EE-SX1096-W11 OMRON-EE-SX1096-W11 Datasheet
256Kb / 2P
Pre-wired Sensors (AWG28).
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
LIMIT Switches
logo
CamdenBoss Ltd.
CE20 CAMDENBOSS-CE20 Datasheet
721Kb / 1P
50mm wide IP65 limit switches
CE21 CAMDENBOSS-CE21 Datasheet
663Kb / 1P
50mm wide IP66 limit switches
CE31 CAMDENBOSS-CE31 Datasheet
695Kb / 1P
60mm wide limit switches
CE41 CAMDENBOSS-CE41 Datasheet
591Kb / 1P
40mm wide limit switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com