Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE70 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CE70
Description  30mm wide pre-wired limit switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CE70 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CE70 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
199
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
MICROSWITCHES
1 78
182
186
191
1 93
2 03
TACTILE SWITCHES
22MM CONTROL
SWITCHES
FOOT SWITCHES
LIMIT SWITCHES
PIEZO SWITCHES
AND KEYPADS
LIMIT S WIT CHES
30mm wide pr e- wir ed limit
s wit ches
Pr oduct o v ervie w
• 30mm width
• Pre wired. 1M cable standard
• For 2M cable add suffix /2
• Metal casing
• Rated to IP67
• Snap action contacts
• C
US
approved
SPECIFICATION
Rating
400V
Cable
PVC 1m 4x0.75mm2
Impulse withstand voltage
4kV
Working temperture
-25°C to +70°C
Switching frequency
3600 cycles/h
Load factor
0.5
Short circuit protection
6A gG fuse
CE 70
IP67 METAL CASING
PLUNGER TYPE
MAX ACTUATION SPEED
ACTUATION / NC OPERATION
CE70.0.AM
Plain plunger
0.5ms-1
15N/30N
CE70.0.BLM
Roller plunger with fixing nut
0.1ms-1
10N/30N
CE70.0.BM
Roller plunger
0.1ms-1
10N/30N
CE70.0.EM
Roller lever
1.5ms-1
0.08Nm/0.28Nm
CE70.0.FM
Adjustable nylon roller lever
1.5ms-1
0.08Nm/0.28Nm
CE70.0.GM
Adjustable rod lever
1.5ms-1
0.08Nm/0.28Nm
CE70.0.HM
Adjustable rod lever
1.5ms-1
0.08Nm/0.28Nm
Plain plunger
Roller plunger
Roller lever
Adjustable nylon roller lever
Adjustable rod lever
Adjustable rod lever
Roller plunger with fixing nut
Ø3
30
35.5
29
5.5
Ø6
30
30.5
35.5
7.5
Ø18
30
34.4
36.1
38.9
6.5
5.5
Ø14
30
24
4.5
29.5
Ø12
8
3.5
Ø8
Ø12
8
Ø10.4
8
3.5
M12x1


Similar Part No. - CE70

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CE71 FUJITSU-CE71 Datasheet
56Kb / 4P
0.25um CMOS Technology
CE71J1 FUJITSU-CE71J1 Datasheet
56Kb / 4P
0.25um CMOS Technology
CE71J2 FUJITSU-CE71J2 Datasheet
56Kb / 4P
0.25um CMOS Technology
CE71J3 FUJITSU-CE71J3 Datasheet
56Kb / 4P
0.25um CMOS Technology
CE71J4 FUJITSU-CE71J4 Datasheet
56Kb / 4P
0.25um CMOS Technology
More results

Similar Description - CE70

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-CRPS11E ALLEN-BRADLEY-440P-CRPS11E Datasheet
206Kb / 6P
Safety Limit Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
Limit Switches
logo
List of Unclassifed Man...
FA4501-2DN ETC2-FA4501-2DN Datasheet
78Kb / 2P
Miniature Pre-Cabled Limit Switches FA
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
Current-Limit Switches
logo
Omron Electronics LLC
EE-SX1096-W11 OMRON-EE-SX1096-W11 Datasheet
256Kb / 2P
Pre-wired Sensors (AWG28).
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
LIMIT Switches
logo
CamdenBoss Ltd.
CE20 CAMDENBOSS-CE20 Datasheet
721Kb / 1P
50mm wide IP65 limit switches
CE21 CAMDENBOSS-CE21 Datasheet
663Kb / 1P
50mm wide IP66 limit switches
CE31 CAMDENBOSS-CE31 Datasheet
695Kb / 1P
60mm wide limit switches
CE41 CAMDENBOSS-CE41 Datasheet
591Kb / 1P
40mm wide limit switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com