Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFTBN Datasheet (PDF) - CamdenBoss Ltd.

CFTBN Datasheet PDF - CamdenBoss Ltd.
Part # CFTBN
Download  CFTBN Download
File Size   337.83 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5x20mm Fused Terminal Blocks

CFTBN Datasheet (PDF)

Go To PDF Page Download Datasheet
CFTBN Datasheet PDF - CamdenBoss Ltd.

Part # CFTBN
Download  CFTBN Click to download

File Size   337.83 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5x20mm Fused Terminal Blocks

CFTBN Datasheet (HTML) - CamdenBoss Ltd.


CFTBN Product details

Product Overview
1 - 5 pole terminal strip with 5x20mm fuseholder
Integral spare fuse carrier
Interlocking fuseholder with CFTBN/1
Anti-rotation spigot
Cable entry 4mm2 (2.5mm2 with wire protector)
Wire protector on fuse terminal as standard
Wire protectors on earth pole to order
CE approved
EN60127 - Fuseholders
EN60998 - Terminal Blocks
UL approved - UL 1059




Similar Part No. - CFTBN

ManufacturerPart #DatasheetDescription
logo
Bertech.
CFT BERTECH-CFT Datasheet
435Kb / 1P
Copper Conductive Tape RoHS & REACH Compliant
logo
Luminus, Inc
CFT-90-CG LUMINUS-CFT-90-CG Datasheet
1Mb / 13P
Converted Green High Brightness Green LED
CFT-90-CG-L11-G100 LUMINUS-CFT-90-CG-L11-G100 Datasheet
1Mb / 13P
Converted Green High Brightness Green LED
CFT-90-W LUMINUS-CFT-90-W Datasheet
1Mb / 13P
Specialty White LED
CFT-90-W LUMINUS-CFT-90-W Datasheet
1Mb / 16P
Specialty White LED
Rev 04
More results


Similar Description - CFTBN

ManufacturerPart #DatasheetDescription
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
SPLICER TERMINAL BLOCKS
logo
Dubilier
DBCFH1-3 DUBILIER-DBCFH1-3 Datasheet
103Kb / 1P
FUSEHOLDER FUSED TERMINAL BLOCK
DBCFH1A-2 DUBILIER-DBCFH1A-2 Datasheet
73Kb / 1P
FUSEHOLDER FUSED TERMINAL BLOCK
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
BUCHANAN Terminal Blocks
logo
Adam Technologies, Inc.
TDK-XX-FH ADAM-TECH-TDK-XX-FH Datasheet
157Kb / 1P
FUSED TERMINAL EURO STANDARD
TDK-XX-FH-1 ADAM-TECH-TDK-XX-FH-1 Datasheet
157Kb / 1P
FUSED TERMINAL EURO STANDARD
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
SMD Terminal Blocks
06/2014
logo
CamdenBoss Ltd.
CMFTB CAMDENBOSS-CMFTB Datasheet
368Kb / 1P
6.3x25mm fused terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com