Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFTBN Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CFTBN
Description  5x20mm Fused Terminal Blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CFTBN Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CFTBN Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pr oduct Ov ervie w
•
1 - 5 pole terminal strip with 5x20mm fuseholder
•
Integral spare fuse carrier
•
Interlocking fuseholder with CFTBN/1
•
Anti-rotation spigot
•
Cable entry 4mm2 (2.5mm2 with wire protector)
•
Wire protector on fuse terminal as standard
•
Wire protectors on earth pole to order
•
CE approved
•
EN60127 - Fuseholders
•
EN60998 - Terminal Blocks
•
UL approved - UL 1059
Call our sales team today on +44 (0)1638 716101
01
5x20mm Fused Terminal Blocks
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 5
SPECIFICATION
Rating
Fuseholder 250V AC / Terminal 450V AC
Current Rating
Fuseholder 13A / Terminal 20A
Moulding
UL94-V0 Flame Retardant PA66
Terminal
Brass, nickel plated
Fuse clip
Phosphor bronze
Wire protector
Stainless steel
Operating Temperature
-20° to 120°C
Fuse Size
5x20mm glass or ceramic
Screws
Steel zinc plated M3, 0.5Nm
GWIT
775°C
Cable CSA
4mm2 (2.5mm2 with wire protector)
Technical Da ta
P/N REF.
DESCRIPTION
CFTBN/x
Fused Terminal Block, M3 fixing hole and screw/washer
CFTBN/xNE
Fused Terminal Block, M3 fixing hole
CFTBN/xWP
Fused Terminal Block, wire protected terminals, no M3 fixing hole
CFTBN/xEWP
Fused Terminal Block, wire protected terminals, M3 fixing hole with
screw/washer
CFTBN/xEWPG
Fused Terminal Block, wire protected terminals/Earth, M3 fixing hole
with screw/washer
Technical Dr a wing
PART NO.
BODY
DIMENSIONS
(LENG TH)
FUSE WIRE
PROTECTOR
M3 FIXING
HOLE
FIXING
SCREW &
WA SHERS
EARTH
WIRE
PROTECTED
WIRE
PROTECTED
TERMINALS
CFTBN/1
16.1 mm
•
CFTBN/2
20.6 mm
•
CFTBN/3
30.8 mm
•
•
•
CFTBN/4
40.7 mm
•
•
•
CFTBN/5
50.9 mm
•
•
•
CFTBN/3NE
30.8 mm
•
CFTBN/4NE
40.7 mm
•
CFTBN/5NE
50.9 mm
•
CFTBN/3NS
30.8 mm
•
•
CFTBN/4NS
40.7 mm
•
•
CFTBN/5NS
50.9 mm
•
•
CFTBN/2WP
20.6 mm
•
•
CFTBN/3WP
30.8 mm
•
•
CFTBN/4WP
40.7 mm
•
•
CFTBN/5WP
50.9 mm
•
•
CFTBN/3EWP
30.8 mm
•
•
•
•
CFTBN/4EWP
40.7 mm
•
•
•
•
CFTBN/5EWP
50.9 mm
•
•
•
•
CFTBN/3EWPG
30.8 mm
•
•
•
•
•
CFTBN/4EWPG
40.7 mm
•
•
•
•
•
CFTBN/5EWPG
50.9 mm
•
•
•
•
•
CFTBN/ 5
Terminal C o v er
•
Accessory for CFTBN
•
Screw/dust protection
•
Easily cut to required size
PART NO.
POLES
CFTBN/3C
3 pole cover
CFTBN/5C
5 pole cover
RELATED
PRODUCT S
DESCRIPTION
CFB0520F
Glass 5x20mm quick blow fuses
CFB0520T
Glass 5x20mm time delay fuses
CFB0521CF
Ceramic 5x20mm quick blow fuses
CFB0521CT
Ceramic 5x20mm time delay fuses


Similar Part No. - CFTBN

ManufacturerPart #DatasheetDescription
logo
Bertech.
CFT BERTECH-CFT Datasheet
435Kb / 1P
Copper Conductive Tape RoHS & REACH Compliant
logo
Luminus, Inc
CFT-90-CG LUMINUS-CFT-90-CG Datasheet
1Mb / 13P
Converted Green High Brightness Green LED
CFT-90-CG-L11-G100 LUMINUS-CFT-90-CG-L11-G100 Datasheet
1Mb / 13P
Converted Green High Brightness Green LED
CFT-90-W LUMINUS-CFT-90-W Datasheet
1Mb / 13P
Specialty White LED
CFT-90-W LUMINUS-CFT-90-W Datasheet
1Mb / 16P
Specialty White LED
Rev 04
More results

Similar Description - CFTBN

ManufacturerPart #DatasheetDescription
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
SPLICER TERMINAL BLOCKS
logo
Dubilier
DBCFH1-3 DUBILIER-DBCFH1-3 Datasheet
103Kb / 1P
FUSEHOLDER FUSED TERMINAL BLOCK
DBCFH1A-2 DUBILIER-DBCFH1A-2 Datasheet
73Kb / 1P
FUSEHOLDER FUSED TERMINAL BLOCK
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
BUCHANAN Terminal Blocks
logo
Adam Technologies, Inc.
TDK-XX-FH ADAM-TECH-TDK-XX-FH Datasheet
157Kb / 1P
FUSED TERMINAL EURO STANDARD
TDK-XX-FH-1 ADAM-TECH-TDK-XX-FH-1 Datasheet
157Kb / 1P
FUSED TERMINAL EURO STANDARD
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
SMD Terminal Blocks
06/2014
logo
CamdenBoss Ltd.
CMFTB CAMDENBOSS-CMFTB Datasheet
368Kb / 1P
6.3x25mm fused terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com