Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS2414D Datasheet (PDF) - Analog Devices

ADGS2414D Datasheet PDF - Analog Devices
Part # ADGS2414D
Download  ADGS2414D Download
File Size   1094.52 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.56 Ω On Resistance High Density Octal SPST Switch

ADGS2414D Datasheet (PDF)

Go To PDF Page Download Datasheet
ADGS2414D Datasheet PDF - Analog Devices

Part # ADGS2414D
Download  ADGS2414D Click to download

File Size   1094.52 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.56 Ω On Resistance High Density Octal SPST Switch

ADGS2414D Datasheet (HTML) - Analog Devices


ADGS2414D Product details

GENERAL DESCRIPTION
The ADGS2414D contains eight independent, low on-resistance,
single-pole/single-throw (SPST) switches in a 4 mm x 5 mm, 30 pin
LGA package.
The ADGS2414D enables higher channel density in systems where
printed circuit board space is constrained or existing system form
factors restrict expansion.
When using SPI daisy-chain mode, the unique route through pins,
provide considerable space savings when multiple ADGS2414D
instances are combined to design very high channel count systems,
such as large switching matrices and fanout applications. The
integrated supply decoupling capacitors and SDO pullup resistor
further increase the space savings and reduce printed circuit board
complexity.
The low on-resistance (0.56 Ω typical) of each switch channel
allows for higher current density in systems where heat dissipation
is an issue, and the on-resistance profile of the switch channels is
exceptionally flat over the full-analog input range, which ensures
good linearity and low distortion when switching precision analog
signals.
Each switch has an input signal range from VSS to VDD – 2 V. When
on, each switch conducts equally well in both directions, and in the
off condition, signal levels up to the supplies are blocked.
The SPI has robust error detection features, such as cyclic redundancy
check (CRC) error detection, invalid read and write address
detection, and SCLK count error detection.

FEATURES
► 0.56 Ω typical on resistance
► High continuous current of up to 768 mA
► Flat RON across signal range, 0.004 Ω
► THD of -122 dB at 1 kHz
► Route through pins for digital signals and supplies
► Integrated passive components
► SPI interface with error detection
► Guaranteed break-before-make switching, allowing external wiring
of switches to deliver multiplexer configurations
► Fully specified at ±15 V and +12 V
► 1.8 V logic compatibility with 2.7 V ≤ VL ≤ 3.3 V (excludes SPI
read-back to a 1.8 V device)
► 4 mm × 5 mm, 30-terminal LGA

APPLICATIONS
► Automatic test equipment
► Instrumentation
► Data acquisition
► Relay replacement
► Avionics
► Audio and video switching
► Communication systems




Similar Part No. - ADGS2414D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADGS1208 AD-ADGS1208 Datasheet
666Kb / 33P
SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
4/2018-Revision 0
ADGS1208BCPZ AD-ADGS1208BCPZ Datasheet
666Kb / 33P
SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
4/2018-Revision 0
ADGS1208BCPZ-RL7 AD-ADGS1208BCPZ-RL7 Datasheet
666Kb / 33P
SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
4/2018-Revision 0
ADGS1209 AD-ADGS1209 Datasheet
666Kb / 33P
SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
4/2018-Revision 0
ADGS1209BCPZ AD-ADGS1209BCPZ Datasheet
666Kb / 33P
SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
4/2018-Revision 0
More results


Similar Description - ADGS2414D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54047 INTERSIL-ISL54047 Datasheet
450Kb / 12P
Ultra Low ON-Resistance, High Off- Isolation, Single Supply, Diff SPST Analog Switch
May 31, 2007
logo
Vishay Siliconix
DG451 VISHAY-DG451 Datasheet
182Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
DG454 VISHAY-DG454 Datasheet
180Kb / 9P
High Voltage 4-Ω Quad SPST CMOS Analog Switch
09-Jun-08
DG2737 VISHAY-DG2737 Datasheet
154Kb / 8P
6-Ω, Low Voltage, Dual SPST Analog Switch
03-Nov-08
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
0.4-Ω, Low Voltage, Dual SPST Analog Switch
21-Apr-08
logo
Analog Devices
ADG1517 AD-ADG1517 Datasheet
195Kb / 12P
1.6 廓 On Resistance, 15 V iCMOS SPST Switch
REV. 0
logo
SUNMATE electronic Co.,...
ME2302A29T SUNMATE-ME2302A29T Datasheet
472Kb / 4P
High-density cell design for ultra low on-resistance
logo
Analog Devices
ADGS1412 AD-ADGS1412 Datasheet
722Kb / 26P
Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
REV. 0
logo
Renesas Technology Corp
ISL54047 RENESAS-ISL54047 Datasheet
699Kb / 12P
Ultra Low ON-Resistance, High Off-Isolation, Single Supply, Diff SPST Analog Switch
logo
Analog Devices
ADGS1414D AD-ADGS1414D Datasheet
552Kb / 28P
SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
6/2020-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com